Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVL40B1 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # OVL40B1
Description  BIMETALLIC OVERLOAD RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

OVL40B1 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  OVL40B1 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. OVL40B1 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BIMETALLIC OVERLOAD RELAYS
ATC Diversified’s
Overload Relays provide thermal Trip Class 10
overload protection for single and three phase motors, and phase loss
protection for three phase motors. Other features like IP20 guarded
terminals with dual terminal markings, integral stop button, and direct
mounting will help you reduce your total installed costs and enhance the
features and performance of your equipment.
Proven
Our Overload Relays are UL Listed and CE
marked meeting global standards
requirements.
Reliability
Trip Class 10 for reliable and accurate protection against
overload conditions. Trips within 10 seconds when carrying a
current of 720%.
Trip Indication
Visible trip indication to provide clear indication of what
device tripped, simplifies troubleshooting in panels.
Visible Markings
High visibility labels and markings; dual IEC and NEMA
terminal markings for ease of wiring anywhere in the world.
Modular Design
Modular design allows our Overload Relays to be
direct mounted onto CON Series Contactors.
Visible
Certifications
Our product certifications and electrical ratings are clearly
marked on the outside of the devices for easy reference
during installation.
Added Safety
IP20 guarded terminals with dual terminal markings prevent
accidental contact with live parts.
MULTIPLE FUNCTION ADVANTAGES
High Fault SCCR
• High fault short circuit current rating of 100kA @ 480V and
600V with Class J fuses, provides safety and reliability in high
fault applications.
Adjustable Current Setting
• Full load current adjustment ratio of approximately 1:1.5
enables overload relay to be set to exact FLA of motor.
Phase Loss Sensitivity
• Single phase sensitivity to protect motors against damaging
phase loss conditions.
Selectable Reset Mode
• Manual or automatic reset and test modes, and stop button all
in a single device for convenient control circuit wiring.
Seamless Compatibility
• Overload Relays direct mount onto all CON Series Contactors.
Trip Test Function
• Trip test function standard on all overload relays allows for
easier installation, testing, and troubleshooting.
DELIVERING SUPERIOR PRODUCT QUALITY AND
MANUFACTURING EXCELLENCE
PRODUCT PROFILE
OVL
B
Frame Size & Current Adjustment Range
2.8 - 4.0A (installs on Contactor: S9,S12,S18,S25,S32,S40)
4
4.0 - 6.3A (installs on Contactor: S9,S12,S18,S25,S32,S40)
6R3
5.6 - 8.0A (installs on Contactor: S9,S12,S18,S25,S32,S40)
8
7.0 - 10.0A (installs on Contactor: S9,S12,S18,S25,S32,S40)
10
8.0 - 12.5A (installs on Contactor: S9,S12,S18,S25,S32,S40)
12R5
10 - 15A (installs on Contactor: S9,S12,S18,S25,S32,S40)
15
11 - 17A (installs on Contactor: S9,S12,S18,S25,S32,S40)
17
15 - 23A (installs on Contactor: S9,S12,S18,S25,S32,S40)
23
22 - 32A (installs on Contactor: S9,S12,S18,S25,S32,S40)
32
25 - 40A (installs on Contactor: S32,S40)
40
Overload Relay Type
Bimetallic
B
Frame Size
Installs on Contactor: S9,S12,S18,S25,S32,S40
1
Installs on Contactor: S32,S40 *
2
* 25 - 40A (Installs on Contactor: S32,S40) [40] only


Similar Part No. - OVL40B1

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLAB6CB8 OPTEK-OVLAB6CB8 Datasheet
968Kb / 4P
Round Blue LED Lamp (3mm)
logo
TT Electronics.
OVLAB6CB8 TTELEC-OVLAB6CB8 Datasheet
969Kb / 4P
Round Blue LED Lamp (3mm)
logo
OPTEK Technologies
OVLAG6CB8 OPTEK-OVLAG6CB8 Datasheet
982Kb / 4P
Round Green LED Lamp (3mm)
logo
TT Electronics.
OVLAG6CB8 TTELEC-OVLAG6CB8 Datasheet
984Kb / 4P
Round Green LED Lamp (3mm)
logo
OPTEK Technologies
OVLAS6CB8 OPTEK-OVLAS6CB8 Datasheet
986Kb / 4P
Round Red LED Lamp (3mm)
More results

Similar Description - OVL40B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1K0910BD ETC2-LP1K0910BD Datasheet
301Kb / 10P
Contactorsand Thermal Overload Relays from 6to 2750 A
LC1D18M7 ETC2-LC1D18M7 Datasheet
301Kb / 10P
Contactorsand Thermal Overload Relays from 6to 2750 A
logo
Littelfuse
MP8000 LITTELFUSE-MP8000 Datasheet
657Kb / 2P
The MP8000 are advanced motor protection electronic overload relays
logo
Schneider Electric
9065SEO5B1 SCHNEIDER-9065SEO5B1 Datasheet
55Kb / 1P
BIMETALLIC OVERLOAD RELAY 600V 26A
Dec 22, 2020
LR2D3563 SCHNEIDER-LR2D3563_V01 Datasheet
179Kb / 3P
TeSys Deca thermal overload relays , 63...80A - class 20
May 25, 2022
LR3D3555 SCHNEIDER-LR3D3555_V01 Datasheet
175Kb / 3P
TeSys Deca thermal overload relays, 30...40A, class 20
May 25, 2022
LR2D3522 SCHNEIDER-LR2D3522_V01 Datasheet
179Kb / 3P
TeSys Deca thermal overload relays , 17...25A , class 20
May 30, 2022
LR3D3353 SCHNEIDER-LR3D3353_V01 Datasheet
177Kb / 3P
TeSys Deca thermal overload relays , 23...32A - class 10A
May 30, 2022
LR3D3355 SCHNEIDER-LR3D3355_V01 Datasheet
177Kb / 3P
TeSys Deca thermal overload relays , 30...40A , class 10A
May 30, 2022
LRD3365 SCHNEIDER-LRD3365_V01 Datasheet
171Kb / 3P
TeSys Deca thermal overload relays , 80...104A , class 10A
May 25, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com