Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB2301 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB2301
Description  Step-Up DC-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB2301 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB2301 Datasheet HTML 1Page - Kingbor Technology Co KB2301 Datasheet HTML 2Page - Kingbor Technology Co KB2301 Datasheet HTML 3Page - Kingbor Technology Co KB2301 Datasheet HTML 4Page - Kingbor Technology Co KB2301 Datasheet HTML 5Page - Kingbor Technology Co KB2301 Datasheet HTML 6Page - Kingbor Technology Co KB2301 Datasheet HTML 7Page - Kingbor Technology Co KB2301 Datasheet HTML 8Page - Kingbor Technology Co KB2301 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Step-Up DC-DC Converter
General Description
The kB2301 Series are PFM step-up DC-DC
converters with very low ripple noise due to the
high
operation
frequency.
The
maximum
operation frequency is 400KHz.
Only three components are required to realize the
conversion from the battery voltage to a selected
output voltage.
A driver pin (EXT) is provided for driving
external power transistor to extend the output
current capability where large current is required.
Enable pin (EN) is also provided so that the
circuit can be powered down.
Ordering Information
Package Type:
T: SOT-23-3
F: SOT-23-5
E: SOT-89
Output Voltage:
20: 2.0V
21: 2.1V
49: 4.9V
50: 5.0V
External switch
E: use external switch
L: use internal switch
Features
400KHz Maximum Operation Frequency
2.0V to 5.0V Output Voltage With 0.1V Step
Low Start-up Voltage: 0.8V at 1mA
2% Output Voltage Accuracy
Up to 88% Efficiency
Output current: 300mA at 2.5V input, 3.3V
output
Low Ripple and Low Noise
Output Current Extendable by External
Switch
Applications
Power source for applications where a higher
voltage than the battery voltage is required
One to three cell battery devices
Power source for cameras, camcorders,
VCRs,
PDAs,
pagers
and
hand
held
communication instrument
Typical Applications
KB2301
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
1
KB


Similar Part No. - KB2301

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB2300EW KINGBRIGHT-KB2300EW Datasheet
198Kb / 4P
8.89mmx3.81mm LED LIGHT BAR
More results

Similar Description - KB2301

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1601 ANACHIP-AP1601 Datasheet
207Kb / 9P
Step-Up DC/DC Converter
Rev. 1.1 Apr. 14, 2005
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383 Datasheet
446Kb / 10P
STEP-UP DC/DC CONVERTER
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com