Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX3165AESA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3165AESA
Description  PWM Control 2A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3165AESA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3165AESA Datasheet HTML 1Page - AXElite technology co. ltd AX3165AESA Datasheet HTML 2Page - AXElite technology co. ltd AX3165AESA Datasheet HTML 3Page - AXElite technology co. ltd AX3165AESA Datasheet HTML 4Page - AXElite technology co. ltd AX3165AESA Datasheet HTML 5Page - AXElite technology co. ltd AX3165AESA Datasheet HTML 6Page - AXElite technology co. ltd AX3165AESA Datasheet HTML 7Page - AXElite technology co. ltd AX3165AESA Datasheet HTML 8Page - AXElite technology co. ltd AX3165AESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Oct.16, 2019
AX3165/A
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
VSS - 0.3 to VSS + 55
V
Feedback Pin Voltage
VFB
VSS - 0.3 to 6
V
EN Pin Voltage
VEN
VSS - 0.3 to VCC
V
SS Pin Voltage
SS
VSS - 0.3 to 6
V
COMP Pin Voltage
VCOMP
VSS - 0.3 to 6
V
VGATE Pin Voltage
VGATE
VSS - 0.3 to VCC
V
Switch Pin Voltage
VSW
VSS - 0.3 to VCC + 0.3
V
Power Dissipation
PD
Internally limited
mW
Storage Temperature Range
TST
-65 to +150
°C
Operating Junction Temperature Range
TOJP
-40 to +125
°C
Operating Supply Voltage
VOP
11 to 55
V
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
75
°C/W
Note: θJA is measured with the PCB copper area (need connect to Exposed Pad) of approximately 1.5 in2
(Multi-layer).
ELECTRICAL CHARACTERISTICS
(VCC = 24V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
Feedback Voltage
VFB
IOUT=10mA
0.98 1.00 1.02 V
Quiescent Current
ICCQ
VFB=1.2V
force driver off
-
3
6
mA
Feedback Bias Current
IFB
IOUT=0.1A
- 0.1 0.5 uA
Shutdown Supply Current
ISD
VEN =0V
- 0.5 1
mA
Line Regulation
△VOUT/VOUT VCC =10V~55V,
IOUT=10mA
- 0.3 0.6 %
Load Regulation
△VOUT/VOUT IOUT = 0.2 to 2A
- 0.3 0.6 %
Current Limit
ICL
2.8 -
-
A
Oscillator frequency
FOSC
AX3165
90 120 150 KHz
FOSC
AX3165A
200 250 300 KHz
Short frequency
FOSC1
AX3165 ICL
-
50
-
KHz
FOSC1
AX3165A ICL
- 110 -
KHz
FOSC2
AX3165/AX3165A
VFB < 0.3
-
30
-
KHz
EN Pin Logic input threshold
voltage
VSH
High (regulator ON)
2.0 -
-
V
VSL
Low (regulator OFF)
-
- 0.8
EN Pin Input Current
ISH
VEN=2.5V (ON)
-
5
-
uA
ISL
VEN=0.3V (OFF)
-
5
-
uA
SS Current
ISS
VSS=0V
-
10
-
uA
Internal MOSFET RDSON
RDSON
VCC=12V, 1A,VFB=0V
- 220 300 mΩ
Efficiency (AX3162)
EFFI
VCC = 24V,
VOUT = 5V, IOUT = 2A
-
90
-
%
Thermal shutdown Temp
TSD
- 150 -
°C
Thermal Shutdown Hysteresis
TSH
-
40
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com