Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB8042AI Datasheet(PDF) 22 Page - Texas Instruments

Part # TUSB8042AI
Description  TUSB8042A Four-Port USB 3.2 x1 Gen1 Hub
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8042AI Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB8042AI Datasheet HTML 18Page - Texas Instruments TUSB8042AI Datasheet HTML 19Page - Texas Instruments TUSB8042AI Datasheet HTML 20Page - Texas Instruments TUSB8042AI Datasheet HTML 21Page - Texas Instruments TUSB8042AI Datasheet HTML 22Page - Texas Instruments TUSB8042AI Datasheet HTML 23Page - Texas Instruments TUSB8042AI Datasheet HTML 24Page - Texas Instruments TUSB8042AI Datasheet HTML 25Page - Texas Instruments TUSB8042AI Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
7.4 Device Functional Modes
7.4.1 External Configuration Interface
The TUSB8042A supports a serial interface for configuration register access. The device can be configured by
an attached I2C EEPROM or accessed as a target by an external SMBus controller. The external interface is
enabled when both the SCL/SMBCLK and SDA/SMBDAT pins are pulled up to 3.3V at the deassertion of reset.
The mode, I2C controller or SMBus target, is determined by the state of SMBUSz/SS_SUSPEND pin at reset.
7.4.2 I2C EEPROM Operation
The TUSB8042A supports a single-controller, standard mode (100KHz) or fast mode (400KHz) connection
to a dedicated I2C EEPROM when the I2C interface mode is enabled. In I2C mode, the TUSB8042A reads
the contents of the EEPROM at bus address 1010000b using 7-bit addressing starting at address 0. The
TUSB8042A reads the entire EEPROM contents using a single burst read transaction. The burst read
transaction ends when the address reaches FFh .
If the value of the EEPROM contents at address byte 00h equals 55h, the TUSB8042A loads the configuration
registers according to the EEPROM map. If the first byte is not 55h, the TUSB8042A exits the I2C mode
and continues execution with the default values in the configuration registers. The hub is not connect on the
upstream port until the configuration is completed.
Note
The bytes located above offset Ah are optional. The requirement for data in those addresses
is dependent on the options configured in the Device Configuration, and Device Configuration 2
registers.
The minimum size I2C EEPROM required is 2Kbit.
For details on I2C operation refer to the UM10204 I2C-bus Specification and User Manual.
7.4.3 Port Configuration
The TUSB8042A port configurations can be selected by registers or efuse. The Port Used Configuration register
(USED[3:0]) define how many ports can possibly be reported by the hub. The device removable configuration
register (RMBL[3:0]) define if the ports that USB 3.2 are reported as used have permanently connected devices
or not. The USB 2.0 Only Port register (USB2_ONLY[3:0]) define whether or not a used port is reported as part
of the USB 2.0 hub or both the USB2.0 and SS hubs. The USB2_ONLY field enables the USB2.0 port even if the
corresponding USED bit is low. Table 7-4 shows examples of the possible combinations.
TUSB8042A
SLLSF93A – JUNE 2019 – REVISED JANUARY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB8042A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com