Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70950DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70950DBVT
Description  TPS709 150-mA, 30-V, 1-μA IQ Voltage Regulators With Enable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70950DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS70950DBVT Datasheet HTML 3Page - Texas Instruments TPS70950DBVT Datasheet HTML 4Page - Texas Instruments TPS70950DBVT Datasheet HTML 5Page - Texas Instruments TPS70950DBVT Datasheet HTML 6Page - Texas Instruments TPS70950DBVT Datasheet HTML 7Page - Texas Instruments TPS70950DBVT Datasheet HTML 8Page - Texas Instruments TPS70950DBVT Datasheet HTML 9Page - Texas Instruments TPS70950DBVT Datasheet HTML 10Page - Texas Instruments TPS70950DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
6.6 Typical Characteristics (continued)
over operating temperature range (TJ = –40°C to 125°C), IOUT = 10 mA, VEN = 2 V, COUT = 2.2 μF, and VIN = VOUT(typ) + 1 V
or 2.7 V (whichever is greater), unless otherwise noted; typical values are at TJ = 25°C
1.18
1.185
1.19
1.195
1.2
1.205
−50 −35 −20 −5
10
25
40
55
70
85 100 115 130
Junction Temperature (°C)
IOUT = 10 mA
IOUT = 150 mA
TPS70912
G007
Figure 6-7. VOUT vs Temperature
6.465
6.47
6.475
6.48
6.485
6.49
6.495
6.5
6.505
−50 −35 −20 −5
10
25
40
55
70
85 100 115 130
Junction Temperature (°C)
IOUT = 10 mA
IOUT = 150 mA
TPS70965
G008
Figure 6-8. VOUT vs Temperature
0
200
400
600
800
1000
1200
1400
1600
2.5
3.5
4.5
5.5
6.5
Input Voltage (V)
TJ = −40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
TPS70965
IOUT = 150 mA
G009
Figure 6-9. Dropout Voltage vs VIN and Temperature
0
200
400
600
800
1000
1200
1400
1600
0
20
40
60
80
100
120
140
160
Output Current (mA)
TJ = −40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
TPS70965
G010
Figure 6-10. Dropout Voltage vs IOUT and Temperature
200
250
300
350
400
450
500
3
3.5
4
4.5
5
5.5
6
6.5
7
Input Voltage (V)
TJ = −40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
TPS70912
G011
Figure 6-11. 1.2-V Current Limit vs VIN and Temperature
300
350
400
450
500
5
5.5
6
6.5
7
7.5
8
8.5
Input Voltage (V)
TJ = −40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
TPS70933
G012
Figure 6-12. 3.3-V Current Limit vs VIN and Temperature
www.ti.com
TPS709
SBVS186H – MARCH 2012 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com