Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX1113 Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX1113
Description  400mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1113 Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX1113 Datasheet HTML 1Page - AXElite technology co. ltd AX1113 Datasheet HTML 2Page - AXElite technology co. ltd AX1113 Datasheet HTML 3Page - AXElite technology co. ltd AX1113 Datasheet HTML 4Page - AXElite technology co. ltd AX1113 Datasheet HTML 5Page - AXElite technology co. ltd AX1113 Datasheet HTML 6Page - AXElite technology co. ltd AX1113 Datasheet HTML 7Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.7 Sep.19, 2019
AX1113
400mA Low Dropout Linear Regulator
GENERAL DESCRIPTION
AX1113 is a low dropout positive adjustable or fixed-mode regulator with minimum of
400mA output current capability. The product is specifically designed to provide
well-regulated supply for low voltage IC applications such as high-speed bus termination
and low current 5V logic supply. AX1113 is also well suited for other applications such as
VGA cards. AX1113 is guaranteed to have lower than 1.2V dropout at full load current.
FEATURES
- 3-Terminal Adjustable or Fixed 1.8V, 3.3, 5.0V
- Fast transient response
- Output current limiting
- Built-in thermal shutdown
- Good noise rejection
- Packages: SOT89-3L
- RoHS and Halogen free compliance
BLOCK DIAGRAM
3
Thermal
Shutdown
1
2
Vout
1.2V
+
+
CURRENT
LIMIT
Vin
-
+
-
+
ADJ
(GND)


Similar Part No. - AX1113

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX1110 AXELITE-AX1110 Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
AX1110R AXELITE-AX1110R Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
AX1110R15 AXELITE-AX1110R15 Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
AX1110R15A AXELITE-AX1110R15A Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
AX1110R18 AXELITE-AX1110R18 Datasheet
366Kb / 7P
350mA Low Dropout Linear Regulator
Rev.1.6 Dec.14, 2011
More results

Similar Description - AX1113

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
3.7V 400mA Low Dropout Regulator
G930 GMT-G930 Datasheet
196Kb / 8P
3.5V 400mA Low Dropout Regulator
logo
List of Unclassifed Man...
AIC1729 ETC1-AIC1729 Datasheet
482Kb / 8P
400mA Low Dropout Linear Regulator with Voltage Detector Function
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
3.5V 400mA Low Dropout Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
DMOS 400mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
400mA Low-Dropout Regulator
logo
Fitipower Integrated Te...
FP6163 FITIPOWER-FP6163 Datasheet
550Kb / 10P
Low Input Voltage, Low Dropout 400mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com