Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32P2400VT Datasheet(PDF) 1 Page - AG Electronica

Part # 32P2400VT
Description  KIT DE 2 BARRAS BACKLIGHT TOSHIBA 32
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

32P2400VT Datasheet(HTML) 1 Page - AG Electronica

  32P2400VT Datasheet HTML 1Page - AG Electronica 32P2400VT Datasheet HTML 2Page - AG Electronica 32P2400VT Datasheet HTML 3Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KIT DE 2 BARRAS BACKLIGHT TOSHIBA 32
KIT-TOSHIBA-32
Descripción
El KIT-TOSHIBA-32 se conforma de 2 barras para iluminación de pantallas Backligth compatibles con
televisores de la marca TOSHIBA de 32 pulgadas, 2 barras con 6 led´s SMD3030 con óptica especial
y un ángulo de apertura de 160°, PCB de 62.6 cm de largo x 2 cm de ancho.
Para tener la iluminación completa de la pantalla, se requieren 3 barras
Backligth.


Similar Part No. - 32P2400VT

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
32P03 VBSEMI-32P03 Datasheet
1Mb / 7P
P-Channel 30 V (D-S) MOSFET
logo
Belden Inc.
32P1402 BELDEN-32P1402 Datasheet
151Kb / 2P
Inst PVC/PVC, 2 Pr #14 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
08-10-2023
logo
VECTOR ELECTRONICS AND ...
32P15WE VECTOR-32P15WE Datasheet
1Mb / 1P
Vectorbord®
logo
Belden Inc.
32P1620 BELDEN-32P1620 Datasheet
149Kb / 2P
Inst PVC/PVC, 20 Pr #16 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V
04-14-2023
32P1624 BELDEN-32P1624 Datasheet
152Kb / 2P
Inst PVC/PVC, 24 Pr #16 Str BC, PVC Ins E1, IS/OS, Blk PVC Jkt, 300V PLTC ITC CMG
04-14-2023
More results

Similar Description - 32P2400VT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOTORDC ETC-MOTORDC Datasheet
90Kb / 1P
32 mm, Escobillas de grafito, 20 Vatios
logo
Microsemi Corporation
LX24232 MICROSEMI-LX24232 Datasheet
52Kb / 2P
32 Channel BackLight LED Driver
logo
Hammond Manufacturing L...
1421CNABK HAMMOND-1421CNABK Datasheet
72Kb / 1P
TROUSSE COMBINEE DE VIS DE MONTAGE ET DECROUS A CAGE 10-32
1422N4FM HAMMOND-1422N4FM Datasheet
166Kb / 4P
Armoire de plancher a 2 portes en acier doux de type 4
1422N4FMQT HAMMOND-1422N4FMQT Datasheet
163Kb / 3P
Armoire de plancher a 2 portes en acier doux de type 4
1422N4QTSS HAMMOND-1422N4QTSS Datasheet
164Kb / 3P
Armoire de plancher a 2 portes en acier inoxydable de type 4X
HN4FM HAMMOND-HN4FM Datasheet
155Kb / 4P
Armoire de plancher a 2 portes en acier doux de type 4
HN4FMSS HAMMOND-HN4FMSS Datasheet
120Kb / 3P
Armoire de plancher a 2 portes en acier inoxydable de type 4X
logo
Keysight Technologies
M8061A KEYSIGHT-M8061A Datasheet
1Mb / 13P
M8061A 32 Gb/s Multiplexer with De-Emphasis
logo
Pentair plc. All rights...
3150 PENTAIR-3150 Datasheet
275Kb / 2P
VANNE DE COMMANDE DE 2 POUCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com