Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N4099 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # N4099
Description  Suitable for electrical application, telecommunication, automatic control, wireless radio remote control and sound control toy application.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

N4099 Datasheet(HTML) 2 Page - DB Lectro Inc

  N4099 Datasheet HTML 1Page - DB Lectro Inc N4099 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Small size, light weight, Low price.
Sensitive operation, good synchronism.
Low coil power consumption.
PC board mounting.
Suitable for electrical application, telecommunication, automatic control, wireless radio remote control and
sound control toy application.
N4099 12D E
1
2
3
Ordering Information
Contact Data
Coil Parameter
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
N4099(JZC-7F)
E158859
Patent No.:99204096.5
1 Part number
N4099(JZC-7F)
2 Coil rated voltage(V)
DC:3,6,9,12,24,48
3 Enclosure
E: Sealed type
NIL:Dust cover
Contact Arrangement
2A (DPSTNO)
2B (DPSTNC)
2C (DPDT(B-M))
Contact Material
AgCdO (Au clad) AgSnO2 (Au clad)
Contact Rating (resistive)
0.5W:1A,2A,3A/277VAC,30VDC;
0.6W:3A,5A,10A/277VAC,30VDC
Max. Switching Power
0.5W:90W 360VA; 0.6W:250W 1600VA
Max. Switching Voltage
50VDC 380VAC
Max. Switching Current:10A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
al
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
Release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
003-500
3
3.9
18
2.25
0.3
006-500
6
7.8
72
4.50
0.6
009-500
9
11.7
162
6.75
0.9
012-500
12
15.6
288
9.00
1.2
024-500
24
31.2
1152
18.0
2.4
0.5
10
5
003-600
3
3.9
15
2.25
0.3
006-600
6
7.8
60
4.50
0.6
009-600
9
11.7
135
6.75
0.9
012-600
12
15.6
240
9.00
1.2
024-600
24
31.2
960
18.0
2.4
0.6
10
5
22
16.5
16.5
C
US
R
Features
Operation condition
1)
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
1)
Dielectric Strength
Between contacts
Between contact and coil
50Hz 750V
Item 6 of IEC255-5
50Hz 1000V
Item 6 of IEC255-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
12g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL&CUR
Load
5A/277VAC 30VDC 6A/125VAC,30VDC
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
Dimensions
Mounting (Bottom view)
Wiring diagram(Bottom view)
10
8
6
4
2
JZC-7F(N4099)
22max.
16.5max.
2.1
8-1
0.5
2.5
10.2
5.1
8- 1.5
2A
2B
2C
mm /inch
0.866max.
0.650max.
0.059
0.098
0.401
0.201
0.083
0.039
0.020
048-500
48
62.4
4608
36.0
4.8
048-600
48
62.4
3840
36.0
4.8
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com