Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR8082 Datasheet(PDF) 2 Page - Solid State Inc

Part # STR8082
Description  High Blocking Voltage (800V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

STR8082 Datasheet(HTML) 2 Page - Solid State Inc

  STR8082 Datasheet HTML 1Page - Solid State Inc STR8082 Datasheet HTML 2Page - Solid State Inc STR8082 Datasheet HTML 3Page - Solid State Inc STR8082 Datasheet HTML 4Page - Solid State Inc STR8082 Datasheet HTML 5Page - Solid State Inc STR8082 Datasheet HTML 6Page - Solid State Inc STR8082 Datasheet HTML 7Page - Solid State Inc STR8082 Datasheet HTML 8Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STR8082
Random Phase
800V / 0.8A
AC Solid State Relay
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.4
1.8
V
IF = 10mA
LED Reverse Voltage
BVR
5
-
-
V
IR
= 10μA
Trigger Current
1
IFT
-
-
10
mA
Resistive Load
Output Specifications
Peak Off-State Voltage
VDRM
800
-
-
V
IDRM=10µA
Continuous Load Current
IT(RMS)
-
-
0.8
A
IFT=10mA
Peak On-State Voltage
VTM
-
1.3
2.5
V
IFT=10mA, IT=800mA
Leakage Current
IDRM
-
10
100
µA
IFT=0mA, VDRM=800V
Holding Current
IH
-
5
25
mA
IFT=10mA
Critical Rate of Rise (dV//dt)
dVD/dt
-
-
400
V/
µS
VDM=67% 800V
Isolation Specifications
Isolation Voltage
VISO
3750
-
-
VRMS
RH ≤ 50%, t=1min
(-H Option)
5000
-
-
Input-Output Resistance
RI-O
-
10
12
-
Ω
VI-O = 500VDC
Notes:
1)
IFT = 20mA recommended for inductive loads
Electrical Characteristics, T
A = 25°C (unless otherwise specified)
© 2014 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 8
STR8082 H/S/TR
Rev 2.10 (09/26/2014)
002169



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com