Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS700 Datasheet(PDF) 2 Page - Solid State Inc

Part # STS700
Description  Miniature 16pin SOIC package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

STS700 Datasheet(HTML) 2 Page - Solid State Inc

  STS700 Datasheet HTML 1Page - Solid State Inc STS700 Datasheet HTML 2Page - Solid State Inc STS700 Datasheet HTML 3Page - Solid State Inc STS700 Datasheet HTML 4Page - Solid State Inc STS700 Datasheet HTML 5Page - Solid State Inc STS700 Datasheet HTML 6Page - Solid State Inc STS700 Datasheet HTML 7Page - Solid State Inc STS700 Datasheet HTML 8Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STS700
Multifunction
Telecommunications Switch
ELECTRICAL CHARACTERISTICS - 25°C
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
RELAY PORTION INPUT
SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current
m
2.5
10
Io = 120mA
A
Turn-Off Current
m
0.5
A
RELAY PORTION OUTPUT
SPECIFICATIONS
Blocking Voltage
V
400
Io = 1uA
Continuous Load Current
m
120
If = 10mA
A
On-Resistance
18
30
Io = 120mA
Leakage Current
µ
0.2
1
Vo = 350V
A
Output Capacitance
p
25
50
Vo = 25V, f = 1.0MHz
F
Offset Voltage
m
0.2
If = 10mA
V
Turn-On Time
m
2
5
If = 10mA, Io = 120mA
s
Turn-Off Time
m
0.5
1
If = 10mA, Io = 120mA
s
RELAY PORTION COUPLED
SPECIFICATIONS
Turn-On Time
m
2
5
If = 5mA, Io = 120mA
s
Turn-Off Time
m
0.5
1
If = 0mA, Io = 120mA
s
OPTOCOUPLER PORTION INPUT
SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
Turn-On Current
m
2
Io = 0.5mA
A
Reverse Current
µ
10
Vr = 4V
A
Terminal Capacitance
p
30
250
V = 0, f = 1kHz
F
OPTOCOUPLER PORTION
OUTPUT SPECIFICATIONS
Collector - Emitter Breakdown Voltage
V
60
Io = 10uA, If = 0
Emitter - Collector Breakdown Voltage
V
5
Io = 100uA, If = 0
Collector Dark Current
µ
0.1
Vce = 20V, If = 0
A
Floating Capacitance
p
0.6
1
V = 0V, f = 1.0MHz
F
Vce Saturation Voltage
V
0.1
0.3
If = 20mA, Ic = 1mA
Current Transfer Ratio
%
30
100
800
If = 5mA, Vce = 5V
Rise Time
µ
5
20
Ic = 2mA, Vce = 2V, RL = 100 ohms
s
Fall Time
µ
4
20
Ic = 2mA, Vce = 2V, RL = 100 ohms
s
COUPLED SPECIFICATIONS
Isolation Voltage
V
1500
T = 1 minute
www.ssousa.com • +1.408.293.4600
Page 2 of 8
STS700
rev 1.42 (
6/12/2008)
© 2008 Solid State Optronics • San José, CA
-H Suffix
V
2500
T = 1 minute
Coupled Capacitance
p
2
F
Contact Transient Ratio
V
2000
7000
dV = 50V
/
µ s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com