Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX6631SA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX6631SA
Description  1.2A High Output Current LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6631SA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX6631SA Datasheet HTML 1Page - AXElite technology co. ltd AX6631SA Datasheet HTML 2Page - AXElite technology co. ltd AX6631SA Datasheet HTML 3Page - AXElite technology co. ltd AX6631SA Datasheet HTML 4Page - AXElite technology co. ltd AX6631SA Datasheet HTML 5Page - AXElite technology co. ltd AX6631SA Datasheet HTML 6Page - AXElite technology co. ltd AX6631SA Datasheet HTML 7Page - AXElite technology co. ltd AX6631SA Datasheet HTML 8Page - AXElite technology co. ltd AX6631SA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.7 Nov.13, 2019
AX6631
PIN ASSIGNMENT
The packages of AX6631 are SOP-8L and TO252-5L; the pin assignment is given by:
ORDER/MARKING INFORMATION
Order Information
Top Marking
AX6631 XX X
S : SOP-8L
Package
Packing
Blank:Bulk
A : Taping
D5 : TO252-5L
Logo
Y
AX 6
Part number
ID code:internal
WW: 01~52
6 3 1
Y WW X
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VIN Pin Voltage
VIN
GND - 0.3 to GND + 6
V
Output Voltage
VOUT GND - 0.3 to VIN + 0.3
V
EN Pin Voltage
VEN
GND - 0.3 to + 6
V
FB Pin Voltage
VFB
GND - 0.3 to + 6
V
Power Dissipation
PD
SOP8=1.65, TO252=2.22
W
Storage Temperature Range
TST
-40 to +150
°C
Operating Temperature Range
TOP
-40 to +85
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance from Junction to case
θJC
SOP8=20, TO252=10
°C/W
Thermal Resistance from Junction to ambient
θJA
SOP8=60, TO252=45
°C/W
Note: θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer). That need connect to GND/ Tap pin.
( Top View)
1
2
3
4
8
7
6
5
VOUT
FB
SOP-8L
EN
VIN
GND
GND
GND
GND
Name
Description
EN
Active-Low Shutdown Input. A logic
low reduces the supply current to
less than 1µA. Connect to VIN or
Floating for normal operation.
VIN
Input voltage
GND Ground
VOUT
Regulator Output Voltage.
Adjustable from 0.8V to 5.5V.
FB
Feedback Input for Setting the
Output Voltage. Connect to an
external
resistor
divider
for
adjustable output operation.
TO252-5L
1 EN
4 VOUT
3 GND
2 VIN
5 FB
( Top View )
( Side View )
Metal
Tab
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com