Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT71 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT71
Description  Suitable for household electrical appliances, automation system, instrument and meter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT71 Datasheet(HTML) 2 Page - DB Lectro Inc

  NT71_05 Datasheet HTML 1Page - DB Lectro Inc NT71_05 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Superminiature, low coil power consumption.
Switching capacity up to 15A.
PC board mounting.
Suitable for household electrical appliances, automation system, instrument and meter.
NT71
C
S
10
DC12V
0.36
1
2
3
4
5
6
Ordering Information
4 Contact current
5A,7A,10A,15A
5 Coil rated voltage(V)
DC:3,6,9,12,18,24,48
6 Coil power consumption
0.36:0.36W
0.45:0.45W
Contact Data
Coil Parameter
21.7
16
16.5
NT71 (N4123)
1 Part number
NT71(4123)
2 Contact arrangement
A:1A
B:1B
C:1C
3 Enclosure
S:Sealed type
NIL:Dust cover
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Contact Arrangement
1A(SPSTNO)
1B(SPSTNC)
1C(SPDT(B-M))
Contact Material
AgCdO AgSnO2
Contact Rating (resistive)
5A,10A,15A/120VAC,28VDC; 5A;7A,10A/220VAC ;
Max. Switching Power
420W 1800VA
Max. Switching Voltage
110VDC 380VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
al
Dash
numbers
Coil voltage
VDC
Rated
Max.
Coil
resistance
10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
Release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
003-360
3
3.9
25
2.25
0.3
006-360
6
7.8
100
4.50
0.6
009-360
9
11.7
225
6.75
0.9
012-360
12
15.6
400
9.00
1.2
018-360
18
23.4
900
13.5
1.8
024-360
24
31.2
1600
18.0
2.4
048-360
48
62.4
6400
36.0
4.8
003-450
3
3.9
20
2.25
0.3
006-450
6
7.8
80
4.50
0.6
009-450
9
11.7
180
6.75
0.9
012-450
12
15.6
320
9.00
1.2
018-450
18
23.4
720
13.5
1.8
024-450
24
31.2
1280
18.0
2.4
048-450
48
62.4
5120
36.0
4.8
0.36
10
5
0.45
10
5
E158859
03001003512
Features
Operation condition
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL
CQC
Load
20A/120VAC/,12A/28VDC
12A/240VAC,7A/277VAC,1/4HP 120VAC;
NO:10A/125VAC,10A/12VDC,1/2HP 120VAC
6A/250VAC
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
50Hz 750V
Item 6 of IEC255-5
50Hz 1500V
Item 6 of IEC255-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~50Hz amplitude 0.35mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
11g
Dimensions
Mounting (Bottom view)
Wiring diagram
(Bottom view)
10
8
6
4
2
NT71 (N4123)
0.854max.
0.630max.
0.039
0.016
0.039
0.020
0.051
0.480
0.079
mm /inch
21.7max.
16max.
Ningbo Huaguan Relay Corporation LTD.
R
C
US
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com