Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV23K Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NV23K
Description  Withstands high temperature, operating under 105 ambient temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NV23K Datasheet(HTML) 2 Page - DB Lectro Inc

  NV23K_07 Datasheet HTML 1Page - DB Lectro Inc NV23K_07 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Small size, light weight
4g
Withstands high temperature, operating under 105
ambient temperature.
Heavy contact load switching current up to 30A.
NV23K Q C
Z
S
DC12V N 0.57
1
2
3
4
5
6
7
8
5 Mounting
NIL: Standard
S: SMT
6 Coil rated voltage(V) DC:10,12
7 Contact material N:AgNi;S:AgSnO
2
8 Coil power consumption 0.55:0.55W
0.57:0.57W
1 Part number NV23K
2 Noise
NIL: Standard
Q: Quiet
3 Contact arrangement A:1A
C:1C
4 Enclosure
S: Sealed type Z: Dust cover
Ordering Information
NV23K
12
12.9
9.9
Contact Data
Contact Arrangement
1A
SPSTNO
,1C
SPDT(B-M)
Contact Material
AgSnO
AgNi
2
Contact Rating
Resistive 1A:20A/14VDC
1C:NO:20A/14VDC; NC:15A/14VDC
Max. Switching Power
280W
Max. Switching Voltage
24VDC
Max. Switching Current:30A
Contact Resistance or Voltage drop
30mV (at 10A)
Item 3.12 of IEC255-7
5
Operation life
Electrical
10
Item 3.30 of IEC255-7
7
Mechanical
10
Item 3.31 of IEC255-7
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Sound Pre. Characteristics (Q type)
Operation noise
<50db
Coil voltage :12VDC
Features
Coil Parameter
Dash
numbers
Coil voltage
VDC
Rated
Max.
Coil
resistance
10%
Pickup
voltage
VDC(max)
(57% of rated
voltage)
Release voltage
VDC(min)
(12.5% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
010-550
10
12
181
5.7
1.25
012-570
12
14.4
254
6.9
1.5
3
1.5
0.55
0.57
Patent No. :01274370.4
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
Dimensions
Mounting (Bottom view)
Wiring diagram
(Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
2
Shock resistance
300m/s
6ms
IEC68-2-27 Test Ea
Vibration resistance
10~500Hz double amplitude 1.27mm
2
60m/s
Terminals strength
10N
Solderability
235
2
3
0.5s
Ambient Temperature
-40~105
Relative Humidity
85% (at 20
)
Mass
4g (Q type 9.5g)
50Hz 500V
Item 6 of IEC255-5
50Hz 500V
Item 6 of IEC255-5
IEC68-2-6 Test Fc
NV23K
IEC68-2-20 Test Ta method 1
IEC68-2-3 Test Ca
IEC68-2-21 Test Ual
8
2.2
3- 1.8
2- 1.1
0.5
7
12
3-1.3
8.5
3
4
5
1.56
2
1
2-0.8
7.5
12
12max.
1.5
12.9max.
1.5
1.5
SMT
4
5
2
1
1A
1C
3
4
5
1
2
mm /inch
0.508max.
0.016
0.039
0.020
0.472max.
0.039
0.012
0.508max.
0.059
0.059
0.472max.
0.059
0.315
0.087
0.071
0.275
0.472
0.020
0.043
0.051
0.335
0.295
0.472
0.061
0.031
Max.
Max.
Ningbo Huaguan Relay Corporation LTD.
Max. carrying current
NO:40A for 2 minutes,30A for 1 hour(12VDC at 20
);
35A for 2 minutes,25A for 1hour(12VDC at 85
)
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com