Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV231 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NV231
Description  Withstands high temperature, operating under 105 ambient temperature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NV231 Datasheet(HTML) 2 Page - DB Lectro Inc

  NV231 Datasheet HTML 1Page - DB Lectro Inc NV231 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.5
23.6
7.5
8.5
4-0.8
7.5
8.5
23.6
4
3
5
1
2
24 23
25
22
21
6-1.3
1.56
1.5
1.5
12.9
SMT
NV231
Small size, light weight
8g
Withstands high temperature, operating under 105
ambient temperature.
Heavy contact load switching current up to 30A.
Ordering Information
NV231 2C
Z
S
DC12V N
0.57
1
2
3
4
5
6
7
Dash
Numbers
Coil voltage
VDC
Coil
resistance
10%
Pick up
voltage
VDC(max)
(58%of rated
voltage)
Release voltage
VDC(min)
(12.5% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
Coil Parameter
1 Part number
NV231
2 Contact arrangement
2A:2A
2C:2C
3 Enclosure
S: Sealed type
Z: Dust cover
4 Mounting
NIL: Standard
S: SMT
5 Coil rated voltage(V)
DC:10,12
6
7 Coil power consumption
0.55:0.55W
0.57:0.57W
Contact material
N:AgNi;S:AgSnO
2
Contact Arrangement
2A DPSTNO
,2C
DPDT(B-M)
Contact Material
AgSnO
AgNi
2
Contact Rating
Resistive
2A:20A/14VDC
2C:NO:20A/14VDC; NC:15A/14VDC
Max. Switching Power
280W
Max. Switching Voltage
24VDC
Max. Switching Current:30A
Contact Resistance or Voltage drop
30mV (at 10A)
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
010-550
10
12
2
181
5.7
1.25
2
0.55
3
1.5
012-570
12
14.4
2
254
6.9
1.5
2
0.57
3
1.5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Features
Contact Data
23.8
12.9
9.9
Patent No.: 01139153.7,01274370.4
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 500V
Item 6 of IEC255-5
Between contact and coi
50Hz 500V
Item 6 of IEC255-5
Dimensions
2
Shock resistance
300m/s
6ms
IEC68-2-27 Test Ea
Vibration resistance
10~500Hz double amplitude 1.27mm
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~105
Relative Humidity
85% (at 20
)
IEC68-2-3Test Ca
Mass
8g
2
60m/s
IEC68-2-6 Test Fc
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Mounting (Bottom view)
Dimensions
NV231
2A
2C
Wiring diagram (Bottom view)
23.8
8
0.5
2.2
6- 1.8
7
8
3.2
7
4- 1.1
0.5
mm /inch
0.937max.
0.508max.
0.039
0.012
0.020
0.020
0.016
0.039
0.937
0.315
0.020
0.071
0.087
0.275
0.315
0.275
0.020
0.043
0.126
0.051
0.295
0.335
0.061
0.031
0.295
0.335
0.929
0.059
0.508max.
0.059
0.929max.
0.059
Max.
Max.
Max.
Max.
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com