Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVF9 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NVF9
Description  Suitable for automation system and automobile auxiliary etc
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVF9 Datasheet(HTML) 1 Page - DB Lectro Inc

  NVF9 Datasheet HTML 1Page - DB Lectro Inc NVF9 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Présente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - NVF9

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
Switching capacity up to 20A
logo
ON Semiconductor
NVF2201N ONSEMI-NVF2201N Datasheet
103Kb / 4P
Power MOSFET 300 mAmps, 20 Volts
August, 2013 ??Rev. 7
NVF2201NT1G ONSEMI-NVF2201NT1G Datasheet
103Kb / 4P
Power MOSFET 300 mAmps, 20 Volts
August, 2013 ??Rev. 7
logo
DB Lectro Inc
NVF28 DBLECTRO-NVF28 Datasheet
342Kb / 2P
35A continous NO contact rating at 85 .
logo
HuaXinAn Electronics CO...
NVF28 HUAXINAN-NVF28 Datasheet
350Kb / 1P
Suitable for automobile fuel pump, A/C compressor clutch, horn and lighting system etc
More results

Similar Description - NVF9

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
N932 DBLECTRO-N932_05 Datasheet
287Kb / 2P
Suitable for automation system and auxiliary automobile etc.
NCF2 DBLECTRO-NCF2_05 Datasheet
581Kb / 2P
Suitable for automobile, automation system, electronic equipment
NCT DBLECTRO-NCT_07 Datasheet
586Kb / 3P
Suitable for automobile, automation system,electronicequipment
logo
HuaXinAn Electronics CO...
NV2M-1A HUAXINAN-NV2M-1A Datasheet
470Kb / 1P
Suitable for automobile, automation system, electronic equipment, instrument, meter, telecommunication facilities and remote control facilities
NVF28A HUAXINAN-NVF28A Datasheet
350Kb / 1P
Suitable for automobile fuel pump, A/C compressor clutch, horn and lighting system etc.
NVF28C HUAXINAN-NVF28C Datasheet
350Kb / 1P
Suitable for automobile fuel pump, A/C compressor clutch, horn and lighting system etc
NVFA HUAXINAN-NVFA Datasheet
732Kb / 1P
Suitable for automation system and automobile auxiliary etc
NVFB HUAXINAN-NVFB Datasheet
732Kb / 1P
Suitable for automation system and automobile auxiliary etc
NVFMA HUAXINAN-NVFMA Datasheet
757Kb / 1P
Suitable for automation system and automobile auxiliary etc
NVFMC HUAXINAN-NVFMC Datasheet
757Kb / 1P
Suitable for automation system and automobile auxiliary etc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com