Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF6811 Datasheet(PDF) 1 Page - Digital Core Design

Part # DF6811
Description  8-bit FAST Microcontrollers Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6811 Datasheet(HTML) 1 Page - Digital Core Design

  DF6811 Datasheet HTML 1Page - Digital Core Design DF6811 Datasheet HTML 2Page - Digital Core Design DF6811 Datasheet HTML 3Page - Digital Core Design DF6811 Datasheet HTML 4Page - Digital Core Design DF6811 Datasheet HTML 5Page - Digital Core Design DF6811 Datasheet HTML 6Page - Digital Core Design DF6811 Datasheet HTML 7Page - Digital Core Design DF6811 Datasheet HTML 8Page - Digital Core Design DF6811 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
D
DF
F6
68
81
11
1
8-bit FAST Microcontrollers Family
ver 3.01
OVERVIEW
Document contains brief description of
DF6811 core functionality. The DF6811 is a
advanced 8-bit MCU IP Core with highly so-
phisticated, on chip peripheral capabilities.
DF6811 soft core is binary-compatible with the
industry standard 68HC11 8-bit microcontrol-
ler and can achieve a performance 45-100
million instructions
per second. The DF6811
has FAST architecture that is 4 times faster
compared to original implementation. Core in
standard configuration has integrated on chip
major peripheral function. There are two serial
interfaces: an asynchronous serial communi-
cations interface (SCI) and a separate syn-
chronous serial peripheral interface (SPI). The
main 16-bit, free-running timer system has
implemented three input capture lines, five
output-compare lines, and a real-time interrupt
function. An 8-bit pulse accumulator subsys-
tem can count external events or measure
external periods.
Self-monitoring circuitry is included on-chip to
protect against system errors. A computer
operating properly (COP) watchdog system
protects against software failures. An illegal
opcode detection circuit provides a non-
maskable interrupt if illegal opcode is de-
tected. Two software-controlled power-saving
modes, WAIT and STOP, are available to
conserve additional power. These modes
make the DF6811 IP Core especially attrac-
tive for automotive and battery-driven applica-
tions. The DF6811 have built in the develop-
ment support features designed into DF6811.
The LIR signal is intended as a debugging aid.
This signal is driven to active low for the first
bus cycle of each new instruction, making it
easy to reverse assemble (disassemble) in-
structions from the display of a logic analyzer.
DF6811 is fully customizable, which means
it is delivered in the exact configuration to
meet users requirements. There is no need to
pay extra for not used features and wasted
silicon.
It includes fully automated testbench
with complete set of tests allowing easy
package validation at each stage of SoC de-
sign flow.
CPU FEATURES
● FAST architecture, 4 times faster than the
original implementation
● Software compatible with industry stan-
dard 68HC11
● 10 times faster multiplication
● 16 times faster division
● 256 bytes of remapped System Function
Registers space (SFRs)
● Up to 16M bytes of Data Memory
● De-multiplexed Address/Data Bus to allow
easy connection to memory
● Two power saving modes: STOP, WAI
● Ready pin allows Core to operate with
slow program and data memories


Similar Part No. - DF6811

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DF6811CPU DCD-DF6811CPU Datasheet
200Kb / 7P
8-bit FAST Microcontrollers Family
logo
List of Unclassifed Man...
DF6811T ETC-DF6811T Datasheet
1Mb / 6P
High Voltage Linear LED Driver
Rev.1.0
More results

Similar Description - DF6811

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
logo
Digital Core Design
DF6805 DCD-DF6805 Datasheet
217Kb / 8P
8-bit FAST Microcontrollers Family
DF6808 DCD-DF6808 Datasheet
227Kb / 9P
8-bit FAST Microcontrollers Family
DF6811CPU DCD-DF6811CPU Datasheet
200Kb / 7P
8-bit FAST Microcontrollers Family
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
S3 Family 8-Bit Microcontrollers
S3F94C8 ZILOG-S3F94C8 Datasheet
1Mb / 229P
S3 Family 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com