Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF6811CPU Datasheet(PDF) 1 Page - Digital Core Design

Part # DF6811CPU
Description  8-bit FAST Microcontrollers Family
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6811CPU Datasheet(HTML) 1 Page - Digital Core Design

  DF6811CPU Datasheet HTML 1Page - Digital Core Design DF6811CPU Datasheet HTML 2Page - Digital Core Design DF6811CPU Datasheet HTML 3Page - Digital Core Design DF6811CPU Datasheet HTML 4Page - Digital Core Design DF6811CPU Datasheet HTML 5Page - Digital Core Design DF6811CPU Datasheet HTML 6Page - Digital Core Design DF6811CPU Datasheet HTML 7Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
D
DF
F6
68
81
11
1C
CP
PU
U
●
●
●
●
●
●
●
●
●
●
●
8-bit FAST Microcontrollers Family
ver 2.17
OVERVIEW
Document contains brief description of
DF6811CPU
core
functionality.
The
DF6811CPU is a advanced 8-bit MCU IP Core
with highly sophisticated, on chip peripheral
capabilities. DF6811CPU soft core is binary-
compatible with the industry standard 68HC11
8-bit microcontroller and can achieve a per-
formance 45-100 million instructions per
second. There are two configurations of
DF6811CPU: Harvard where data and pro-
gram buses are separated, and von Neu-
mann
with common program and data bus
DF6811CPU has FAST architecture that is 4.4
times faster compared to original implementa-
tion.
Self-monitoring circuitry is included on-chip
to protect against system errors. An illegal
opcode detection circuit provides a non-
maskable interrupt when illegal opcode de-
tected.
Two
software-controlled
power-saving
modes, WAIT and STOP, are available to
conserve additional power. These modes
make the DF6811CPU IP Core especially at-
tractive for automotive and battery-driven ap-
plications.
The DF6811CPU have built in the develop-
ment support features designed into DF6811.
The LIR signal is intended as a debugging aid.
This signal is driven to active low for the first
bus cycle of each new instruction, making it
easy to reverse assemble (disassemble) in-
structions from the display of a logic analyzer.
DF6811CPU is fully customizable, which
means it is delivered in the exact configuration
to meet users requirements. There is no need
to pay extra for not used features and wasted
silicon.
It includes fully automated testbench
with complete set of tests allowing easy
package validation at each stage of SoC de-
sign flow.
CPU FEATURES
FEATURES
FAST architecture, 4,4 times faster than
the original implementation
Software compatible with industry stan-
dard 68HC11
Configurable Harvard or Von Neumann
architectures
10 times faster multiplication
16 times faster division
256 bytes of remapped System Function
Registers space (SFRs)
Up to 16M bytes of Data Memory
De-multiplexed Address/Data Bus to allow
easy connection to memory
Two power saving modes: STOP, WAI
Ready pin allows Core to operate with
slow program and data memories
Fully synthesizable, static synchronous
design with no internal tri-states


Similar Part No. - DF6811CPU

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DF6811 DCD-DF6811 Datasheet
127Kb / 9P
8-bit FAST Microcontrollers Family
logo
List of Unclassifed Man...
DF6811T ETC-DF6811T Datasheet
1Mb / 6P
High Voltage Linear LED Driver
Rev.1.0
More results

Similar Description - DF6811CPU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
SAM87RI family of 8-bit single-chip CMOS microcontrollers
logo
Digital Core Design
DF6805 DCD-DF6805 Datasheet
217Kb / 8P
8-bit FAST Microcontrollers Family
DF6808 DCD-DF6808 Datasheet
227Kb / 9P
8-bit FAST Microcontrollers Family
DF6811 DCD-DF6811 Datasheet
127Kb / 9P
8-bit FAST Microcontrollers Family
logo
Zilog, Inc.
S3F82NB ZILOG-S3F82NB Datasheet
1Mb / 361P
S3 Family 8-Bit Microcontrollers
S3F94C8 ZILOG-S3F94C8 Datasheet
1Mb / 229P
S3 Family 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com