Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8051 Datasheet(PDF) 1 Page - Digital Core Design

Part # DP8051
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051 Datasheet(HTML) 1 Page - Digital Core Design

  DP8051 Datasheet HTML 1Page - Digital Core Design DP8051 Datasheet HTML 2Page - Digital Core Design DP8051 Datasheet HTML 3Page - Digital Core Design DP8051 Datasheet HTML 4Page - Digital Core Design DP8051 Datasheet HTML 5Page - Digital Core Design DP8051 Datasheet HTML 6Page - Digital Core Design DP8051 Datasheet HTML 7Page - Digital Core Design DP8051 Datasheet HTML 8Page - Digital Core Design DP8051 Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
D
DP
P8
80
05
51
1
●
●
●
●
●
●
●
●
●
●
●
●
Pipelined High Performance
8-bit Microcontroller
ver 4.03
OVERVIEW
DP8051 is an ultra high performance,
speed optimized
soft core of a single-chip 8-
bit embedded controller dedicated for opera-
tion with fast (typically on-chip) and slow (off-
chip) memories. The core has been designed
with a special concern about performance to
power consumption
ratio. This ratio is ex-
tended by an advanced power management
unit PMU.
DP8051 soft core is 100% binary-
compatible with the industry standard 8051 8-
bit microcontroller. There are two configura-
tions of DP8051: Harward where internal data
and program buses are separated, and von
Neumann
with common program and external
data bus. DP8051 has Pipelined RISC archi-
tecture 10 times faster compared to standard
architecture and executes 85-200 million in-
structions
per second. This performance can
also be exploited to great advantage in low
power
applications where the core can be
clocked over ten times more slowly than the
original implementation for no performance
penalty.
DP8051 is delivered with fully automated
testbench
and complete set of tests allowing
easy package validation at each stage of SoC
design flow.
CPU FEATURES
100% software compatible with industry
standard 8051
Pipelined RISC architecture enables to
execute instructions 10 times faster com-
pared to standard 8051
24 times faster multiplication
12 times faster addition
Up to 256 bytes of internal (on-chip) Data
Memory
Up to 64K bytes of internal (on-chip) or
external (off-chip) Program Memory
Up to 16M bytes of external (off-chip) Data
Memory
User programmable Program Memory Wait
States solution for wide range of memories
speed
User programmable External Data Memory
Wait States solution for wide range of
memories speed
De-multiplexed Address/Data bus to allow
easy connection to memory
Dedicated signal for Program Memory
writes.
Interface for additional Special Function
Registers


Similar Part No. - DP8051

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP8051 DCD-DP8051 Datasheet
132Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051CPU DCD-DP8051CPU Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
Pipelined High Performance 8-bit Microcontroller
More results

Similar Description - DP8051

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051CPU DCD-DP8051CPU Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
Pipelined High Performance 8-bit Microcontroller
DP80390 DCD-DP80390 Datasheet
253Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP80390CPU DCD-DP80390CPU Datasheet
242Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
Pipelined High Performance 8-bit Microcontroller
DP80390CPU DCD-DP80390CPU_03 Datasheet
130Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051 DCD-DP8051_03 Datasheet
132Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051XP DCD-DP8051XP_03 Datasheet
150Kb / 12P
Pipelined High Performance 8-bit Microcontroller ver 3.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com