Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8051XP Datasheet(PDF) 5 Page - Digital Core Design

Part # DP8051XP
Description  Pipelined High Performance 8-bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051XP Datasheet(HTML) 5 Page - Digital Core Design

  DP8051XP Datasheet HTML 1Page - Digital Core Design DP8051XP Datasheet HTML 2Page - Digital Core Design DP8051XP Datasheet HTML 3Page - Digital Core Design DP8051XP Datasheet HTML 4Page - Digital Core Design DP8051XP Datasheet HTML 5Page - Digital Core Design DP8051XP Datasheet HTML 6Page - Digital Core Design DP8051XP Datasheet HTML 7Page - Digital Core Design DP8051XP Datasheet HTML 8Page - Digital Core Design DP8051XP Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
BLOCK DIAGRAM
PINS DESCRIPTI O N
PIN
TYPE
DESCRIPTION
clk
input
Global clock
reset
input
Global reset
port0i[7:0]
input
Port 0 input
port1i[7:0]
input
Port 1 input
port2i[7:0]
input
Port 2 input
port3i[7:0]
input
Port 3 input
iprgramsize[2:0]
input
Size of on-chip RAM CODE
iprgromsize[2:0]
input
Size of on-chip ROM CODE
prgramdata[7:0]
input
Data bus from int. RAM prog. memory
prgromdata[7:0]
input
Data bus from int. ROM prog. memory
sxdmdatai[7:0]
input
Data bus from sync external data
memory (SXDM)
xdatai[7:0]
input
Data bus from external memories
ready
input
External memory data ready
ramdatai[7:0]
input
Data bus from internal data memory
sfrdatai[7:0]
input
Data bus from user SFR’s
int0
input
External interrupt 0
int1
input
External interrupt 1
int2
input
External interrupt 2
int3
input
External interrupt 3
int4
input
External interrupt 4
int5
input
External interrupt 5
int6
input
External interrupt 6
t0
input
Timer 0 input
t1
input
Timer 1 input
t2
input
Timer 2 input
gate0
input
Timer 0 gate input
gate1
input
Timer 1 gate input
t2ex
input
Timer 2 gate input
capture0
input
Timer 2 capture 0 line
capture1
input
Timer 2 capture 1 line
capture2
input
Timer 2 capture 2 line
capture3
input
Timer 2 capture 3 line
rxdi0
input
Serial receiver input 0
rxdi1
input
Serial receiver input 1
scli
input
Master/Slave I2C clock line input
sdai
input
Master/Slave I2C data input
ss
input
SPI slave select
si
input
SPI slave input
mi
input
SPI master input
scki
input
SPI clock input
tdi
input
DoCD™ TAP data input
tck
input
DoCD™ TAP clock input
tms
input
DoCD™ TAP mode select input
rsto
output Reset output
port0o[7:0]
output Port 0 output
port1o[7:0]
output Port 1 output
port2o[7:0]
output Port 2 output
so
si
mo
mi
scko
scki
scken
ss
sso(7:0)
soen
port0(7:0)
port1(7:0)
port2(7:0)
port3(7:0)
rxd0o
rxd0i
txd0
sfraddr(6:0)
sfrdatao(7:0)
sfrdatao(7:0)
sfroe
sfrwe
xramaddr(23:0)
xdatao(7:0)
xdatai(7:0)
xramdataz
ready
xprgrd
xprgwr
xdatard
xdatawr
ramaddr(7:0)
ramdatao(7:0)
ramdatai(7:0)
ramwe
ramoe
prgramdata(7:0)
prgromdata(7:0)
prgaddr(15:0)
prgdatao(7:0)
prgramwr
Program
memory
interface
Opcode
decoder
Internal data
memory
interface
User SFR’s
interface
External
memory
interface
Control
Unit
clk
reset
rsto
iprgromsize(2:0)
iprgramsize(2:0)
Timers
UART
Interrupt
controller
ALU
DoCD™
Debug Unit
Power
Manage-
ment Unit
t0
t1
gate0
gate1
int0
int1
int2
int3
int4
int5
int6
rxdi
rxdo
txd
tdi
tdo
pmm
stop
tck
tms
rtck
coderun
debugacs
Floating
Point Unit
Timer 2
Compare
Capture
UART 1
Master/
Slave I2C
Unit
MDU32
Watchdog
Timer
UART 0
SPI Unit
t2
t2ex
capture0
capture1
capture2
capture3
rxd1o
rxd1i
txd1
sclhs
scli
sclo
sdai
sdao
I/O Port
registers
SXDM
interface
sxdmaddr
sxdmdatao
sxdmdatai
sxdmoe
sxdmwe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com