Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP80390 Datasheet(PDF) 2 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 2 Page - Digital Core Design

  DP80390 Datasheet HTML 1Page - Digital Core Design DP80390 Datasheet HTML 2Page - Digital Core Design DP80390 Datasheet HTML 3Page - Digital Core Design DP80390 Datasheet HTML 4Page - Digital Core Design DP80390 Datasheet HTML 5Page - Digital Core Design DP80390 Datasheet HTML 6Page - Digital Core Design DP80390 Datasheet HTML 7Page - Digital Core Design DP80390 Datasheet HTML 8Page - Digital Core Design DP80390 Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
●
●
●
●
●
○
○
○
○
○
○
○
○
○
●
○
○
○
●
○
○
○
●
○
○
●
○
○
○
●
○
○
○
○
http://www.DigitalCoreDesign.com
http://www.dcd.pl
PERIPHERALS
Interface for additional Special Function
Registers
Fully synthesizable, static synchronous
design with positive edge clocking and no
internal tri-states
Scan test ready
2.0 GHz virtual
clock frequency in a 0.25u
technological process
DoCD™ debug unit
Processor execution control
Run
Halt
Step into instruction
Skip instruction
Read-write all processor contents
Program Counter (PC)
Program Memory
Internal (direct) Data Memory
Special Function Registers (SFRs)
External Data Memory
Code execution breakpoints
one real-time PC breakpoint
unlimited number of real-time OPCODE break-
points
Hardware execution watch-point
one at Internal (direct) Data Memory
one at Special Function Registers (SFRs)
one at External Data Memory
Hardware watch-points activated at a certain
address by any write into memory
address by any read from memory
address by write into memory a required data
address by read from memory a required data
Unlimited number of software watch-points
Internal (direct) Data Memory
Special Function Registers (SFRs)
External Data Memory
Unlimited number of software breakpoints
Program Memory(PC)
Automatic adjustment of debug data transfer
speed rate between HAD and Silicon
JTAG Communication interface
Power Management Unit
Power management mode
Switchback feature
Stop mode
Interrupt Controller
2 priority levels
2 external interrupt sources
3 interrupt sources from peripherals
Four 8-bit I/O Ports
Bit addressable data direction for each line
Read/write of single line and 8-bit group
Two 16-bit timer/counters
Timers clocked by internal source
Auto reload 8-bit timers
Externally gated event counters
Full-duplex serial port
Synchronous mode, fixed baud rate
8-bit asynchronous mode, fixed baud rate
9-bit asynchronous mode, fixed baud rate
9-bit asynchronous mode, variable baud rate
CONFIGURATION
The following parameters of the DP80390 core
can be easy adjusted to requirements of dedi-
cated application and technology. Configura-
tion of the core can be prepared by effortless
changing appropriate constants in package file.
There is no need to change any parts of the
code.
- synchronous
•
Internal Program Memory
type
- asynchronous
-
•
Internal Program ROM
Memory size
-
0 - 64kB
-
•
Internal Program RAM
Memory size
-
0 - 64kB
- true
•
Internal Program Memory
fixed size
- false
• Interrupts
-
subroutines
location
- used
• Power Management Mode
- unused
- used
• Stop mode
- unused
- used
• DoCD™ debug unit
- unused
Besides mentioned above parameters all
available peripherals and external interrupts
can be excluded from the core by changing
appropriate constants in package file.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com