Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3000 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV3000
Description  3:1 HDMI/DVI Switch with Equalization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3000 Datasheet(HTML) 3 Page - Analog Devices

  ADV3000 Datasheet HTML 1Page - Analog Devices ADV3000 Datasheet HTML 2Page - Analog Devices ADV3000 Datasheet HTML 3Page - Analog Devices ADV3000 Datasheet HTML 4Page - Analog Devices ADV3000 Datasheet HTML 5Page - Analog Devices ADV3000 Datasheet HTML 6Page - Analog Devices ADV3000 Datasheet HTML 7Page - Analog Devices ADV3000 Datasheet HTML 8Page - Analog Devices ADV3000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADV3000
Rev. 0 | Page 3 of 28
SPECIFICATIONS
TA = 27°C, AVCC = 3.3 V, VTTI = 3.3 V, VTTO = 3.3 V, DVCC = 3.3 V, AMUXVCC = 5 V, AVEE = 0 V, DVEE = 0 V, differential input
swing = 1000 mV, TMDS outputs terminated with external 50 Ω resistors to 3.3 V, unless otherwise noted.
Table 1.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Data Rate (DR) per Channel
NRZ
2.25
Gbps
Bit Error Rate (BER)
PRBS 223 − 1
10−9
Added Deterministic Jitter
DR ≤ 2.25 Gbps, PRBS 27 − 1, EQ = 12 dB
25
ps (p-p)
Added Random Jitter
1
ps (rms)
Differential Intrapair Skew
At output
1
ps
Differential Interpair Skew1
At output
40
ps
EQUALIZATION PERFORMANCE
Receiver (Highest Setting)2
Boost frequency = 825 MHz
12
dB
Transmitter (Highest Setting)3
Boost frequency = 825 MHz
6
dB
INPUT CHARACTERISTICS
Input Voltage Swing
Differential
150
1200
mV
Input Common-Mode Voltage (VICM)
AVCC − 800
AVCC
mV
OUTPUT CHARACTERISTICS
High Voltage Level
Single-ended high speed channel
AVCC − 10
AVCC + 10
mV
Low Voltage Level
Single-ended high speed channel
AVCC − 600
AVCC − 400
mV
Rise/Fall Time (20% to 80%)
75
135
175
ps
INPUT TERMINATION
Resistance
Single-ended
50
Ω
AUXILIARY CHANNELS
On Resistance, RAUX
100
Ω
On Capacitance, CAUX
DC bias = 2.5 V, ac voltage = 3.5 V, f = 100 kHz
8
pF
Input/Output Voltage Range
DVEE
AMUXVCC
V
POWER SUPPLY
AVCC
Operating range
3
3.3
3.6
V
QUIESCENT CURRENT
AVCC
Outputs disabled
30
40
44
mA
Outputs enabled, no pre-emphasis
52
60
66
mA
Outputs enabled, maximum pre-emphasis
95
110
122
mA
VTTI
Input termination on4
5
40
54
mA
VTTO
Output termination on, no pre-emphasis
35
40
46
mA
Output termination on, maximum pre-emphasis
72
80
90
mA
DVCC
3.2
7
8
mA
AMUXVCC
0.01
0.1
mA
POWER DISSIPATION
Outputs disabled
115
271
361
mW
Outputs enabled, no pre-emphasis
384
574
671
mW
Outputs enabled, maximum pre-emphasis
704
910
1050
mW
TIMING CHARACTERISTICS
Switching/Update Delay
High speed switching register: HS_CH
200
ms
All other configuration registers
1.5
ms
RESET Pulse Width
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com