Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX4100 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPX4100
Description  INTEGRATED PRESSURE SENSOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4100 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPX4100 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX4100 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MPX4100
Sensors
Freescale Semiconductor
3
Table 2. OPERATING CHARACTERISTICS (VS = 5.1 Vdc, TA = 25×C unless otherwise noted, P1 > P2)
Characteristic(1)
1. Decoupling circuit shown in Figure 3 required to meet electrical specifications.
Symbol
Min
Typ
Max
Unit
Pressure Range(2)
2. 1.0 kPa (kiloPascal) equals 0.145 psi.
POP
20
105
kPa
Supply Voltage(2)
VS
4.85
5.1
5.35
Vdc
Supply Current
IO
7.0
10
mAdc
Minimum Pressure Offset(3)
(0 to 85°C)
@ VS = 5.1 V
3. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
Voff
0.225
0.306
0.388
Vdc
Full Scale Output(4)
(0 to 85°C)
@ VS = 5.1 V
4. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
VFSO
4.815
4.897
4.978
Vdc
Full Scale Span(5)
(0 to 85°C)
@ VS = 5.1 V
5. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
4.59
Vdc
Accuracy(6)
(0 to 85°C)
6. Accuracy (error budget) consists of the following:
• Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is cycled to
and from the minimum or maximum operating temperature points, with zero differential pressure applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25°C.
• TcSpan:
Output deviation over the temperature range of 0 to 85°C, relative to 25°C.
• TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 0 to 85°C, relative to 25°C.
• Variation from Nominal: The variation from nominal values, for Offset or Full Scale Span, as a percent of VFSS, at 25°C.
———
±1.8
%VFSS
Sensitivity
V/P
54
mV/kPa
Response Time(7)
7. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
1.0
ms
Output Source Current at Full Scale Output
IO+
0.1
mAdc
Warm-Up Time(8)
8. Warm-up is defined as the time required for the product to meet the specified output voltage after the Pressure has been stabilized.
——
20
ms
Offset Stability(9) (10)
9. Offset stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
10. Device is ratiometric within this specified excitation range.
——
±0.5
%VFSS
Table 3. MECHANICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Weight, Basic Element (Case 867)
4.0
Grams
Common Mode Line Pressure(1)
1. Common mode pressures beyond specified may result in leakage at the case-to-lead interface.
———
690
kPa



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com