Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6008 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AM6008
Description  N-Ch 100V Fast Switching MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AM6008 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AM6008 Datasheet HTML 1Page - AXElite technology co. ltd AM6008 Datasheet HTML 2Page - AXElite technology co. ltd AM6008 Datasheet HTML 3Page - AXElite technology co. ltd AM6008 Datasheet HTML 4Page - AXElite technology co. ltd AM6008 Datasheet HTML 5Page - AXElite technology co. ltd AM6008 Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.0 Apr.26, 2019
AM6008P8C
ORDER INFORMATION
Order Information
Top Marking
Package Type
AM6008
Packing
Blank : Bag
XXX X
P8C: PRPAK-8L (5*6)
A : Taping
ID code:internal
AM6
Y Y W W X
0 0 8
WW: 01~52
Year: 11=2011
12=2012
:
:
19=2019
Part number
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current
1,6
48
A
ID@TC=70℃
Continuous Drain Current
1,6
48
A
IDM
Pulsed Drain Current
2
140
A
EAS
Single Pulse Avalanche Energy
3
61
mJ
IAS
Avalanche Current
35
A
PD@TC=25℃
Total Power Dissipation
4
108
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Thermal Data
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1(t≦10s)
---
25
℃
/W
Thermal Resistance Junction-Ambient 1
---
55
℃
/W
RθJC
Thermal Resistance Junction-Case1
---
1.15
℃
/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com