Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX1250 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX1250
Description  2A Sink/Source Bus Termination Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1250 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX1250 Datasheet HTML 1Page - AXElite technology co. ltd AX1250 Datasheet HTML 2Page - AXElite technology co. ltd AX1250 Datasheet HTML 3Page - AXElite technology co. ltd AX1250 Datasheet HTML 4Page - AXElite technology co. ltd AX1250 Datasheet HTML 5Page - AXElite technology co. ltd AX1250 Datasheet HTML 6Page - AXElite technology co. ltd AX1250 Datasheet HTML 7Page - AXElite technology co. ltd AX1250 Datasheet HTML 8Page - AXElite technology co. ltd AX1250 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6 Sep.20, 2019
AX1250ES
BLOCK DIAGRAM
Enable
Thermal
Shutdown
Current-
Limit
Error
Amplifier
and
Soft-Start
Power-On-
Reset
VCNTL
VIN
VOUT
GND
VREF
EN
VREF
THSD
POR
PIN ASSIGNMENT
The package of AX1250ES is SOP-8L-EP; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
SOP-8L-EP
GND
VCNTL
VIN
GND
REFEN
VOUT
NC
NC
NC
Name
Description
VIN
Input Voltage pin
GND
Ground pin
REFEN
Reference voltage input and chip
enable pin
VOUT
Output Voltage pin
VCNTL Supply Input and Gate drive
voltage pin
NC
No connect pin
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
ES: SOP-8L-EP
AX 1250 XX X
Packing
Blank : Tube
A : Taping
Y
AX
Logo
Part number
ID code: internal
WW: 01 ~ 52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
YWWX
1 2 5 0
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com