Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED1113AFA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # LED1113AFA
Description  High Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

LED1113AFA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  LED1113AFA Datasheet HTML 1Page - AXElite technology co. ltd LED1113AFA Datasheet HTML 2Page - AXElite technology co. ltd LED1113AFA Datasheet HTML 3Page - AXElite technology co. ltd LED1113AFA Datasheet HTML 4Page - AXElite technology co. ltd LED1113AFA Datasheet HTML 5Page - AXElite technology co. ltd LED1113AFA Datasheet HTML 6Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.21, 2019
LED1113
VCC+13V
D3
1W LED
U2
LED1113/A
GND
OUT
Iset
Rset
3.6/2W
D2
1W LED
D1
1W LED
VCC+12V
D2
0.5W LED
U2
LED1113/A
GND
OUT
Iset
Rset
7.2/1W
D1
0.5W LED
IOUT=1.25V/3.6=347mA
VOUT=2.5V
13V- VLED-VSET=2.02V
=1.25*0.347=0.4W
VLED=10.5V (3.5V*3LED)
IOUT=1.25V/7.2=174mA
VOUT=2.5V
12V- VLED-VSET=3.75V
=3.75*0.174=0.65W
VLED=7V
TYPICAL CHARACTERISTICS
VDROP VS Iout
0.400
0.500
0.600
0.700
0.800
0.900
1.000
1.100
1.200
1.300
0.0
0.1
0.2
0.3
0.4
0.5
Iout
(A)
(V)
VSET vs TEMP
-4.0%
-3.0%
-2.0%
-1.0%
0.0%
1.0%
2.0%
-20
30
80
130
TEMP
(℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com