Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8558 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S8558
Description  Surface mountable 16-element photodiode array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8558 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S8558 Datasheet HTML 1Page - Hamamatsu Corporation S8558 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Si PIN photodiode array
S8558
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Cat. No. KMPD1062E01
Aug. 2006 DN
s Dimensional outline (unit: mm)
KMPDA0144EA
0
0.2
0.4
0.8
0.7
0.5
0.3
0.1
200
400
600
800
1200
1000
WAVELENGTH (nm)
(Typ. Ta=25 ˚C)
0.6
QE=100 %
1 pA
10 pA
100 pA
1 nA
0.01
0.1
1
10
100
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C)
1 pF
10 pF
100 pF
1 nF
0.1
1
10
100
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C)
1 MHz
10 MHz
100 MHz
1
10
100
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C,
λ=830 nm, RL=50 Ω)
P 0.8 × 15 = 12.0
P 1.27 × 8 = 10.16
0.6
13.70
15.35
INDEX MARK
0.4
0.7 × 2.0 (× 16 ELEMENTS)
ACTIVE AREA
(R0.15)
(R0.25)
INDEX MARK
0.4
Tolerance unless otherwise
noted: ±0.25
Chip position accuracy with
respect to the package center
X, Y
≤ ±0.3
CH1
CH16
1
3
5
7
9
11
13
15
KC
16
14
12
10
8
6
4
2
NC
SILICONE RESIN
PHOTOSENSITIVE
SURFACE
s Dark current vs. reverse voltage
s Spectral response
KMPDB0193EA
KMPDB0194EA
s Terminal capacitance vs. reverse voltage
s Cut-off frequency vs. reverse voltage
KMPDB0195EA
KMPDB0196EA
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com