| Electronic Components Datasheet Search |
|
TSL2301 Datasheet(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
TSL2301 Datasheet(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
7 / 12 page ![]() TSL2301 102 × 1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOGTODIGITAL CONVERTER TAOS007 – JULY 2000 7 www.taosinc.com t t Copyright E 2000, TAOS Inc. Reset Commands Reset commands are used to put the TSL2301 into a known state. IRESET – Interface Initialization Encoding: Break Character IRESET initializes the internal state machine that keeps track of which command bytes have been received. This command should be first and given only once after power-up to synchronize TSL2301’s command interpreter. RESET – Main Reset Encoding: 0x1b: <0001_1011> RESET resets most of the internal control logic of the TSL2301 and any READPixel command currently in progress is aborted. RESET puts the pixel integrators into the auto-zero/reset state. Any values that were being held in the array’s sample/hold circuits are lost. NOTE: On power up of the TSL2301, it is necessary to hold SDIN high for 30 clocks before initiating a reset command. In addition, to fully reset the device, it is recommended that 3 consecutive RESET commands be issued as part of the power up routine. NOTE: The value on the SDOUT pin is not guaranteed from the time power is applied until 30 clocks after the first RESET command is issued. Pixel Action Commands Pixel action commands allow the user to control pixel integration and reading of pixel data. STARTInt – Start Integration Encoding: 0x08: <0000_1000> STARTInt causes each pixel to leave the reset state and to start integrating. The actual execution of STARTInt is delayed 20 clocks until the auto-zero cycle of the pixels has been completed. SAMPLEInt – Stop Integration Encoding: 0x10: <0001_0000> SAMPLEInt causes each pixel to store its integrator’s contents into a sample and hold circuit. Also, the Integrator is returned to the reset state. READPixel – Read Pixel Data Encoding: 0x02: <0000_0010> READPixel causes the sampled value of each pixel to be converted to an 8-bit digital value that is clocked out on the SDOUT pin. The LSB is the first data bit, which is preceded by a START bit (logic 0) and followed by a STOP bit (logic 1). Each pixel in the device is presented on SDOUT starting from pixel 00 and completes with pixel 101. It takes 20 clocks before the first pixel is available to be read and 10 clocks per pixel thereafter until all pixels are output. Gain and offset registers are used to adjust the ADC converter to maximize dynamic range and should be programmed prior to invoking the READPixel command. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |