Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM124J/883 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM124J/883
Description  Low Power Quad Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM124J/883 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM124J/883 Datasheet HTML 1Page - National Semiconductor (TI) LM124J/883 Datasheet HTML 2Page - National Semiconductor (TI) LM124J/883 Datasheet HTML 3Page - National Semiconductor (TI) LM124J/883 Datasheet HTML 4Page - National Semiconductor (TI) LM124J/883 Datasheet HTML 5Page - National Semiconductor (TI) LM124J/883 Datasheet HTML 6Page - National Semiconductor (TI) LM124J/883 Datasheet HTML 7Page - National Semiconductor (TI) LM124J/883 Datasheet HTML 8Page - National Semiconductor (TI) LM124J/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics (Continued)
V
+ = +5.0V, (Note 7), unless otherwise stated
Parameter
Conditions
LM124A
LM224A
LM324A
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Power Supply
V
+ = 5Vto30V
Rejection Ratio
(LM2902, V
+ = 5V to 26V),
65
100
65
100
65
100
dB
TA = 25˚C
Amplifier-to-Amplifier
f = 1 kHz to 20 kHz, TA = 25˚C
−120
−120
−120
dB
Coupling (Note 11)
(Input Referred)
Output Current
Source
VIN
+ = 1V, V
IN
− = 0V,
20
40
20
40
20
40
V
+ = 15V, V
O = 2V, TA = 25˚C
mA
Sink
VIN
− = 1V, V
IN
+ = 0V,
10
20
10
20
10
20
V
+ = 15V, V
O = 2V, TA = 25˚C
VIN
− = 1V, V
IN
+ = 0V,
12
50
12
50
12
50
µA
V
+ = 15V, V
O = 200 mV, TA = 25˚C
Short Circuit to Ground
(Note 5) V
+ = 15V, T
A = 25˚C
40
60
40
60
40
60
mA
Input Offset Voltage
(Note 8)
4
4
5
mV
VOS Drift
RS =0Ω
7
20
7
20
7
30
µV/˚C
Input Offset Current
IIN(+) −IIN(−),VCM = 0V
303075
nA
IOS Drift
RS =0Ω
10
200
10
200
10
300
pA/˚C
Input Bias Current
IIN(+) or IIN(−)
40
100
40
100
40
200
nA
Input Common-Mode
V
+ = +30V
0
V
+−2
0
V
+−2
0
V
+−2
V
Voltage Range (Note 10)
(LM2902, V
+ = 26V)
Large Signal
V
+ = +15V (V
OSwing = 1V to 11V)
Voltage Gain
RL ≥ 2kΩ
25
25
15
V/mV
Output Voltage
VOH
V
+ = 30V
RL =2 kΩ
26
26
26
V
Swing
(LM2902, V
+ = 26V)
RL =10 kΩ
27
28
27
28
27
28
VOL
V
+ = 5V, R
L =10 kΩ
520
5
20
520
mV
Output Current
Source
VO =2V
VIN
+ = +1V,
10
20
10
20
10
20
VIN
− = 0V,
V
+ = 15V
mA
Sink
VIN
− = +1V,
10
15
5
8
5
8
VIN
+ = 0V,
V
+ = 15V
Electrical Characteristics
V
+ = +5.0V, (Note 7), unless otherwise stated
Parameter
Conditions
LM124/LM224
LM324
LM2902
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
(Note 8) TA = 25˚C
2
5
2
7
2
7
mV
Input Bias Current
IIN(+) or IIN(−),VCM = 0V,
45
150
45
250
45
250
nA
(Note 9)
TA = 25˚C
Input Offset Current
IIN(+) or IIN(−),VCM = 0V,
3
30
5
50
5
50
nA
TA = 25˚C
Input Common-Mode
V
+ = 30V, (LM2902, V+ = 26V),
0
V
+−1.5
0
V
+−1.5
0
V
+−1.5
V
Voltage Range (Note 10)
TA = 25˚C
Supply Current
Over Full Temperature Range
RL = ∞ On All Op Amps
mA
V
+ = 30V (LM2902 V+ = 26V)
1.5
3
1.5
3
1.5
3
V
+ = 5V
0.7
1.2
0.7
1.2
0.7
1.2
Large Signal
V
+ = 15V, R
L≥ 2kΩ,
50
100
25
100
25
100
V/mV
Voltage Gain
(VO = 1V to 11V), TA = 25˚C
Common-Mode
DC, VCM = 0VtoV
+ − 1.5V,
70
85
65
85
50
70
dB
Rejection Ratio
TA = 25˚C
Power Supply
V
+ = 5Vto30V
Rejection Ratio
(LM2902, V
+ = 5V to 26V),
65
100
65
100
50
100
dB
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com