Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL9 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # PL9
Description  Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

PL9 Datasheet(HTML) 2 Page - DB Lectro Inc

  PL9 Datasheet HTML 1Page - DB Lectro Inc PL9 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
4
5
7
8
6
10
9
Single Side stable
1 Coil latching
2 Coil latching
10
9
7
8
6
4
3
5
10
9
8
7
6
3
4
5
2
1
2
1
2
1
Index mark
(De-energized Position)
(Reset Position)
Index mark
Index mark
(Reset Position)
S R
S: Set
R: Reset
(Bottom View)
S
R
Wiring diagram
(Bottom view)
Mounting (Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
0.1
0.04
2.54
Tolerance:
0.1/0.004
10- 1
P
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Temperature Range
-40~70
(-40~158
F)
Mass
1.5g
Characteristics
Electrostatic capacitance
Between open Contacts
Approx.0.4pF
Item 3.41 of IEC255-7
Between coil & Contacts
Approx.0.9pF
Item 3.41 of IEC255-7
Between Contact Poles
Approx.0.2pF
Item 3.41 of IEC255-7
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between open Contacts
1000VAC 1min
Between coil & Contacts
1000VAC 1min
Item 6 of IEC255-5
Item 6 of IEC255-5
Item 6 of IEC255-5
Between Contact Poles
1000VAC 1min
Surge Withstand Voltage
Between open Contacts
1500V
FCC68
Between coil & Contacts
1500V
FCC68
Between Contact Poles
2500V
FCC68
Shock resistance
2
Functional:500m/s 11ms;
2
Survival:1000 m/s 6ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz Double amplitude Functional 3mm
Survival:5mm
IEC68-2-6 Test Fc
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL&CUR
Load
1A,2A/30VDC, 0.5A/125VAC
mm/inch
Dimensions
Dimensions
Index Mark
14max.
0.55max.
2.54
0.1
0.5
0.02
0.25
0.01
7.62
0.3
14.0
9.0 5.0
P
P
L
12
W
1
2
3
4
P-004
4.5
11.25
144.6
3.38
0.45
0.14
P-005
5
12.5
178
3.75
0.5
0.14
P-006
6
15.0
257
4.50
0.6
0.14
P-009
9
22.5
579
6.75
0.9
0.14
P-012
12
30.0
1028
9.00
1.2
0.14
P-024
24
48.0
2880
18.0
2.4
0.20
Approx.2
PL-003
3
8.7
90
2.25
-2.25
0.10
PL-005
5
14.5
250
3.75
-3.75
0.10
PL-006
6
17.4
360
4.50
-4.50
0.10
PL-009
9
26.1
810
6.75
-6.75
0.10
PL-012
12
34.8
1440
9.00
-9.00
0.10
PL-024
24
57.6
3840
18.0
-18.0
0.15
PK-003
3
6
45
45
2.25
2.25
0.20
PK-005
5
10
125
125
3.75
3.75
0.20
PK-006
6
12
180
180
4.50
4.50
0.20
PK-009
9
18
405
405
6.75
6.75
0.20
PK-012
12
24
720
720
9.00
9.00
0.20
PK-024
24
36
1920
1920
18.0
18.0
0.30
R
E158859
C
US
Patent No
02217796.5
P-003
3
7.5
64.3
2.25
0.3
0.14
Approx.1
PL-004
4.5
13.0
202.5
3.38
-3.38
0.10
PK-004
4.5
9
101
3.38
3.38
0.20
101
R5604271
U
T V
1A/30VDC, 0.5A/125VAC
Ningbo Huaguan Relay Corporation LTD.
1 Part number
P
3 Coil rated voltage(V)
DC:3,4.5,5,6,9,12,24
2 Operating function
NIL: Single Side Stable
4 Contact material
NIL: AgPd W: AgNi
L:1 Coil Latching; K:2 Coil Latching
Features
Ordering Information
DIL Pitch Terminals .High Sensitivity :0.14W or 0.10W Nominal Power
Conforms to FCC Part 68 1.5kV Surge and Dielectric 1000VAC
Monostable or bistable relays Single and double Coil magnet latching Type available
Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems, Measuring instruments,
Medical Monitoring Equipment,Audio Visual Equipment, Flight Simulator,Sensor Control
Contact Data
Contact Arrangement
2C DPDT(B-M)
Bifurcated Crossbar
Contact Material
AgPd(Stationary Contact: Gold clad ) AgNi(Gold clad
Contact Rating (resistive)
1A,2A/30VDC; 0.5A/125VAC
Max. Switching Power
60W
62.5VA
Min. Switching load 0.01mA/10mV Reference Value
Max. Switching Voltage
220VDC
250VAC
M ax. Swit ching Curr ent:2A
Contact Resistance or
Voltage drop
Operation
life
5
5
1A/30VDC 2 10
Ag Ni 1 10
5
0.5A/125VAC 1 10
Item 3.30 of IEC255-7
8
Mechanical
10
Item 3.31 of IEC255-7
50m
Item 3.12 of IEC255-7
Electrical
Coil Parameter
Release
/Reset
Time
ms
Coil voltage
VDC
Coil resistance
10%
Pick up voltage
VDC(max)
(75%of rated
voltage )
Release voltage
VDC(min)
(10% of rated
voltage)
Coil
power
W
Operate
Time
ms
Rated
Max.
Dash
numbers
CAUTION:
Relays previously tested or used above 10mA resistive at 6V maximum
DC or peak AC
open circuit are not
recommended for subsequent use in low level applications.
1 Coil Latching
Reset(Max)
Reset
2 Coil Latching
Set Coil
Reset Coil
Reset(Max)
Reset
Approx.2
Approx.1
Approx.2
Approx.1
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release(reset) voltage are for test purposes only and are not to be used as design
criteria.
3.When latching relays are installed in equipment, the latch and reset coil should not be pulsed
simultaneously. Coil should not be pulsed with less than the nominal coil voltage and pulse width
should be a minimum of three times the specified operate time of the relay. If these conditions are not
followed, it is possible for the relay to be in the magnetically neutral position .
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com