Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECP.01.250.DLL Datasheet(PDF) 2 Page - LEMO Connectors

Part # ECP.01.250.DLL
Description  FFS.01.250.DLAE31
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

ECP.01.250.DLL Datasheet(HTML) 2 Page - LEMO Connectors

  ECP.01.250.DLL Datasheet HTML 1Page - LEMO Connectors ECP.01.250.DLL Datasheet HTML 2Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.lemo.com/int_en/ecp-01-250-dll.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Technical details
Electrical Configuration
Nb of contacts Coax
1
Contact Termination Coax
Solder
Insert configuration value
1.25 - 1 Coax (50 Ohm)
Rated current
4 A
OHM
50
Form & Material
Shell style / Model id
ECP.01 - Fixed receptacle, nut fixing (back panel
mounting)
Socket / Receptacle
Fixed Panel Rear Mounted
Housing material
Brass (gold plated [ISO 27874]) shell, collet nut, brass
latch sleeve and mid pieces
Locking system
Push-pull
Keying
Circular, female
Weight
1.06 g
Environment
Environmental sealing (IP rating)
IP50
Endurance
1000 mating cycles
Temperature range
-55°C / +230°C
Drawings
Dimensions
A
e
L
M
Emax
mm.
7
M5x0.5
10.5
5.7
3.5
in.
0.28
0.41
0.22
0.14



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com