Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS201 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS201
Description  Ultra High Speed Switching Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS201 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS201 Datasheet HTML 1Page - Toshiba Semiconductor 1SS201 Datasheet HTML 2Page - Toshiba Semiconductor 1SS201 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS201
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS201
Ultra High Speed Switching Application
Low forward voltage
: VF (3) = 0.9V (typ.)
Fast reverse recovery time: trr = 1.6ns (typ.)
Small total capacitance
: CT = 0.9pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
85
V
Reverse voltage
VR
80
V
Maximum (peak) forward current
IFM
300 (*)
mA
Average forward current
IO
100 (*)
mA
Surge current (10ms)
IFSM
2 (*)
A
Power dissipation
P
200
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(*)
Unit rating. Total rating = Unit rating ×1.5.
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
―
IF = 1mA
―
0.60
―
VF (2)
―
IF = 10mA
―
0.72
―
Forward voltage
VF (3)
―
IF = 100mA
―
0.90
1.20
V
IR (1)
―
VR = 30V
―
―
0.1
Reverse current
IR (2)
―
VR = 80V
―
―
0.5
μA
Total capacitance
CT
―
VR = 0, f = 1MHz
―
0.9
3.0
pF
Reverse recovery time
trr
―
IF = 10mA (Fig.1)
―
1.6
4.0
ns
JEDEC
―
EIAJ
―
TOSHIBA
1−4E2A
Weight: 0.13g
Unit: mm


Similar Part No. - 1SS201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS201 TOSHIBA-1SS201 Datasheet
125Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
logo
List of Unclassifed Man...
1SS201 ETC1-1SS201 Datasheet
124Kb / 2P
SUPER HIGH SPEED SWITCHING DIODE SPECIAL DESIGN FOR PROTECTING SOLAR BATTERY
More results

Similar Description - 1SS201

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L1SS181LT1 LRC-L1SS181LT1 Datasheet
74Kb / 3P
Ultra High Speed Switching Application
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181_07 Datasheet
198Kb / 3P
Ultra High Speed Switching Application
1SS193 TOSHIBA-1SS193_07 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
1SS196 TOSHIBA-1SS196_07 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
1SS337 TOSHIBA-1SS337_07 Datasheet
257Kb / 3P
Ultra High Speed Switching Application
1SS360 TOSHIBA-1SS360_07 Datasheet
218Kb / 3P
Ultra High Speed Switching Application
1SS361 TOSHIBA-1SS361_07 Datasheet
217Kb / 3P
Ultra High Speed Switching Application
1SS226TE85LF TOSHIBA-1SS226TE85LF Datasheet
180Kb / 3P
Ultra High Speed Switching Application
logo
Leshan Radio Company
L1SS181LT1G LRC-L1SS181LT1G_15 Datasheet
69Kb / 3P
Ultra High Speed Switching Application
logo
Nanjing International G...
BAV74 DGNJDZ-BAV74 Datasheet
92Kb / 2P
Ultra high speed switching application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com