Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5857 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5857
Description  HORIZONTAL DEFLECTION OUTPUT FOR HDTV, DIGITAL TV, PROJECTION TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5857 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5857 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5857 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5857 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5857 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5857 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5857
2004-5-18
3
VCE(sat) – IC
0.01
1
1
0.1
10
10
100
8
6
10
IC/IB = 4
Common emitter
Tc =
−25℃
Collector current IC (A)
Collector current IC (A)
VCE (sat) – IC
10
0.1
0.01
1
100
1
10
Common emitter
Tc = 100℃
8
6
10
IC/IB = 4
Base current IB (A)
VCE – IB
Common emitter
Tc = 25℃
0
8
6
2
4
10
4.0
0
0.8
1.6
3.2
2.4
16
Ic = 17 A
15
7
8
9
10
11
12
13
14
Base current IB (A)
VCE – IB
0
8
6
2
4
10
16
Ic = 17 A
15
Common emitter
Tc =
−25℃
7
4.0
0
0.8
1.6
3.2
2.4
8
9
10
11
12
13
14
Collector current IC (A)
VCE (sat) – IC
100
1
10
0.1
0.01
10
1
8
6
10
Common emitter
Tc = 25℃
IC/IB = 4
Base current IC (A)
VCE – IB
4.0
0
0.8
1.6
3.2
2.4
Common emitter
Tc = 100℃
0
8
6
2
4
10
16
Ic = 17 A
15
7
8
9
10
11
12
13
14



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com