Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3225 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3225
Description  Silicon NPN Epitaxial Type Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3225 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3225 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3225 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3225 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3225 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3225 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3225
2006-11-09
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC3225
Switching Applications
Solenoid Drive Applications
• High DC current gain: hFE = 500 (min) (IC = 400 mA)
• Low collector-emitter saturation voltage: VCE (sat) = 0.5 V (max)
(IC = 300 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
7
V
Collector current
IC
2
A
Base current
IB
0.5
A
Collector power dissipation
PC
900
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Industrial Applications
Unit: mm
JEDEC
TO-92MOD
JEITA
―
TOSHIBA
2-5J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC3225

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3225 TOSHIBA-2SC3225 Datasheet
194Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for Switching, Solenoid Driveapplications)
01-Sep-1997
More results

Similar Description - 2SC3225

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3328 TOSHIBA-2SC3328 Datasheet
199Kb / 4P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC3710 TOSHIBA-2SC3710 Datasheet
213Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
26-Dec-1997
2SC4540 TOSHIBA-2SC4540 Datasheet
155Kb / 3P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
17-Dec-1998
2SD2241 TOSHIBA-2SD2241 Datasheet
160Kb / 3P
NPN EPITAXIAL TYPE (SWITCHING APPLICATIONS)
03-Feb-1997
2SC2878 TOSHIBA-2SC2878_07 Datasheet
505Kb / 4P
Silicon NPN Epitaxial Type For Muting and Switching Applications
2SC5703 TOSHIBA-2SC5703_06 Datasheet
137Kb / 5P
Silicon NPN Epitaxial Type High-Speed Switching Applications
10-Nov-2006
2SC5713 TOSHIBA-2SC5713_06 Datasheet
139Kb / 5P
Silicon NPN Epitaxial Type High-Speed Switching Applications
10-Nov-2006
2SC5784 TOSHIBA-2SC5784_06 Datasheet
138Kb / 5P
Silicon NPN Epitaxial Type High-Speed Switching Applications
10-Nov-2006
2SC5906 TOSHIBA-2SC5906 Datasheet
165Kb / 5P
Silicon NPN Epitaxial Type High-Speed Switching Applications
13-Nov-2006
RN1441 TOSHIBA-RN1441_07 Datasheet
697Kb / 9P
Silicon NPN Epitaxial Type (PCT Process) Muting And Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com