Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX6ASJ-2 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # FX6ASJ-2
Description  Pch POWER MOSFET HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FX6ASJ-2 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  FX6ASJ-2 Datasheet HTML 1Page - Powerex Power Semiconductors FX6ASJ-2 Datasheet HTML 2Page - Powerex Power Semiconductors FX6ASJ-2 Datasheet HTML 3Page - Powerex Power Semiconductors FX6ASJ-2 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Jan.1999
–10–1
–7
–100
–2 –3 –4–5 –7
–2 –3 –4–5 –7
10–1
100
2
3
4
5
7
101
2
3
4
5
7
25°C
TC =
75°C
125°C
VDS = –5V
Pulse Test
0
–4
–8
–12
–16
–20
0
–2–4–6–8
–10
Tc = 25°C
VDS = –10V
Pulse Test
0
–4
–8
–12
–16
–20
0
–2–4–6–8
–10
ID =
–6A
–3A
–12A
Tc = 25°C
Pulse Test
0
0.2
0.4
0.6
0.8
1.0
–10–1
–100
–2 –3 –5 –7
–101
–2 –3 –5–7
–102
–2 –3 –5–7
–10–1
–7
–2 –3
–5 –7
–100
–2 –3
–5 –7
101
102
2
3
5
7
2
3
5
5
7
Tch = 25°C
VGS = –10V
VDD = –50V
RGEN = RGS = 50
Ω
td(off)
td(on)
tr
tf
–100
–3 –5–7
–2
–101
–3 –5–7
–2
–102
–3 –5–7
–2 –3
102
2
3
4
5
7
103
2
3
4
5
7
2
Ciss
Crss
Coss
Tch = 25°C
f = 1MHZ
VGS = 0V
–4V
VGS =
Tc = 25°C
Pulse Test
–10V
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)
MITSUBISHI Pch POWER MOSFET
FX6ASJ-2
HIGH-SPEED SWITCHING USE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com