Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3862 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3862
Description  Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3862 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3862 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3862 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3862 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3862 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3862
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
2SC3862
TV Tuner, UHF Mixer Applications
VHF~UHF Band RF Amplifier Applications
• Exchange of emitter for base in 2SC3120
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
15
V
Emitter-base voltage
VEBO
3
V
Collector current
IC
50
mA
Base current
IB
25
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 30 V, IE = 0
⎯
⎯
0.1
μA
Emitter cut-off current
IEBO
VEB = 2 V, IC = 0
⎯
⎯
1.0
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 1 mA, IB = 0
15
⎯
⎯
V
DC current gain
hFE
VCE = 10 V, IC = 5 mA
40
100
200
Reverse transfer capacitance
Cre
VCB = 10 V, IE = 0, f = 1 MHz
⎯
0.6
0.9
pF
Transition frequency
fT
VCE = 10 V, IC = 2 mA
1500
2400
⎯
MHz
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3F1D
Weight: 0.012 g (typ.)


Similar Part No. - 2SC3862

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3862 TOSHIBA-2SC3862 Datasheet
206Kb / 3P
NPN EPITAXIAL PLANAR TYPE (TY TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS
logo
Inchange Semiconductor ...
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
High Gain Bandwidth Product
More results

Similar Description - 2SC3862

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4244 TOSHIBA-2SC4244 Datasheet
181Kb / 4P
NPN EPITAXIAL PLANAR TYPE (UHF TV TUNER RF AMPLIFIER APPLICATIONS)
2SC4245 TOSHIBA-2SC4245 Datasheet
231Kb / 4P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS
HN3C02F TOSHIBA-HN3C02F Datasheet
94Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF OSCILLATOR, CONVERTER APPLICATIONS)
HN3C02FU TOSHIBA-HN3C02FU Datasheet
92Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS)
HN3C03F TOSHIBA-HN3C03F Datasheet
93Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF OSCILLATOR, CONVERTER APPLICATIONS)
HN3C03FU TOSHIBA-HN3C03FU Datasheet
91Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, UHF CONVERTER, UHF RF AMPLIFIER APPLICATIONS)
2SC3120 TOSHIBA-2SC3120_07 Datasheet
667Kb / 5P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
2SC3121 TOSHIBA-2SC3121_07 Datasheet
591Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Oscillator Applications
2SC3547A TOSHIBA-2SC3547A_07 Datasheet
514Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Oscillator Applications (common collector)
2SC4247 TOSHIBA-2SC4247_07 Datasheet
562Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Oscillator Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com