Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS321 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS321
Description  TOSHIBA Diode Silicon Epitaxial Planar Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS321 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS321 Datasheet HTML 1Page - Toshiba Semiconductor 1SS321 Datasheet HTML 2Page - Toshiba Semiconductor 1SS321 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS321
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS321
Low Voltage High Speed Switching
Low forward voltage
: VF = 0.42V (typ.)
Low reverse current
: IR = 500nA (max)
Small package
: SC-59 (SOT-23MOD)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse voltage
VRM
12
V
Reverse voltage
VR
10
V
Maximum (peak) forward current
IFM
150 (*)
mA
Average forward current
IO
50 (*)
mA
Surge current (10ms)
IFSM
1000 (*)
mA
Power dissipation
P
150
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55
∼125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(*)
Unit rating. Total rating = unit rating × 1.5.
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
IF = 1mA
0.32
VF (2)
IF = 10mA
0.42
Forward voltage
VF (3)
IF = 50mA
0.63
1.00
V
Reverse current
IR
VR = 10V
500
nA
Total capacitance
CT
VR = 0, f = 1MHz
3.2
4.5
pF
Marking
Unit: mm
JEDEC
SOT−23MOD
EIAJ
SC−59
TOSHIBA
1−3G1F
Weight: 0.012g


Similar Part No. - 1SS321

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS321 TOSHIBA-1SS321 Datasheet
116Kb / 2P
DIODE (LOW VOLTAGE HIGH SPEED SWITCHING)
logo
Guangdong Kexin Industr...
1SS321 KEXIN-1SS321 Datasheet
34Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
logo
SEMTECH ELECTRONICS LTD...
1SS321 SEMTECH_ELEC-1SS321 Datasheet
130Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
1SS321 TOSHIBA-1SS321 Datasheet
155Kb / 3P
Low-Voltage High-Speed Switching
1SS321TE85LF TOSHIBA-1SS321TE85LF Datasheet
155Kb / 3P
Low-Voltage High-Speed Switching
More results

Similar Description - 1SS321

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ2.0 TOSHIBA-015AZ2.0 Datasheet
172Kb / 6P
TOSHIBA Diode Silicon Epitaxial Planar Type
JDV2S06S TOSHIBA-JDV2S06S Datasheet
102Kb / 3P
TOSHIBA DIODE Silicon Epitaxial Planar Type
JDV2S14E TOSHIBA-JDV2S14E Datasheet
73Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS382 TOSHIBA-1SS382_14 Datasheet
387Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FE TOSHIBA-HN1D01FE_14 Datasheet
248Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FU TOSHIBA-HN1D01FU_14 Datasheet
247Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS250 TOSHIBA-1SS250_14 Datasheet
204Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS272 TOSHIBA-1SS272_14 Datasheet
229Kb / 4P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS308 TOSHIBA-1SS308_14 Datasheet
231Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
1SS314 TOSHIBA-1SS314_14 Datasheet
159Kb / 3P
TOSHIBA Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com