Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2926 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2926
Description  UHF DUAL CONVERSION TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2926 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2926 Datasheet HTML 1Page - RF Micro Devices RF2926 Datasheet HTML 2Page - RF Micro Devices RF2926 Datasheet HTML 3Page - RF Micro Devices RF2926 Datasheet HTML 4Page - RF Micro Devices RF2926 Datasheet HTML 5Page - RF Micro Devices RF2926 Datasheet HTML 6Page - RF Micro Devices RF2926 Datasheet HTML 7Page - RF Micro Devices RF2926 Datasheet HTML 8Page - RF Micro Devices RF2926 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
11-189
RF2926
Rev A5 010404
11
Pin
Function
Description
Interface Schematic
16
IF1 BP-
See pin 14.
See pin 15.
17
GND7
Ground connection for 40dB IF limiting amplifier. Keep traces physically
short and connect immediately to ground plane for best performance.
18
IF1 OUT
IF output from the 40dB limiting amplifier. The IF1 OUT output presents
a nominal 330
Ω output resistance and interfaces directly to 10.7MHz
ceramic filters.
19
GND6
Ground connection for 60dB IF limiting amplifier. Keep traces physically
short and connect immediately to ground plane for best performance.
20
VREF IF
DC voltage reference for the IF limiting amplifiers. A 10nF capacitor
from this pin to ground is required.
21
IF2 IN
IF input to the 60dB limiting amplifier strip. A 10nF DC blocking capaci-
tor is required on this input. The IF2 IN input presents a nominal 330
Ω
input resistance and interfaces directly to 10.7MHz ceramic filters.
22
IF2 BP+
DC feedback node for the 60dB limiting amplifier strip. A 10nF bypass
capacitor from this pin to ground is required.
See pin 20.
23
IF2 BP-
See pin 21.
See pin 20.
24
DATA OUT
Demodulated data output from the demodulator. Output levels on this
are TTL/CMOS compatible. The magnitude of the load impedance is
intended to be 1M
Ω or greater.
25
RSSI
A DC voltage proportional to the received signal strength is output from
this pin. The output voltage range is 0.5V to 2.5V and increases with
increasing signal strength.
26
FM OUT
Linear output from the FM demodulator. This pin is used in analog
applications when signal fidelity is important.
27
DATA REF
This pin is used for setting the adaptive Data Slicer DC reference level.
A capacitor from this pin to ground can be used to set the reference
level at the average DC level of the data bit stream.The DC level deter-
mines the bit decision threshold.
28
DEMOD IN
This pin is the input to the FM demodulator. This pin is NOT AC cou-
pled. Therefore, a DC blocking capacitor is required on this pin to avoid
shorting the demodulator input with the LC tank. A ceramic discrimina-
tor or DC blocked LC tank resonant at the IF should be connected to
this pin.
29
VCC4
This pin is used is supply DC bias to the 60dB IF limiting amplifier. An
IF bypass capacitor should be connected directly to this pin and
returned to ground. A 10nF capacitor is recommended for 10.7MHz IF
applications.
IF1 OUT
IF2 IN
330
330
60 k
Ω
60 k
Ω
IF2 BP+
IF2 BP-
DATA OUT
V
CC
RSSI
FM OUT
50 k
Ω
DATA REF
DEMOD IN
10 k
Ω
V
CC
IF Output
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com