Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4215 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4215
Description  Silicon NPN Epitaxial Planar Type High Frequency Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4215 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4215 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4215 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4215 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4215 Datasheet HTML 4Page - Toshiba Semiconductor 2SC4215 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC4215
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
2SC4215
High Frequency Amplifier Applications
FM, RF, MIX, IF Amplifier Applications
• Small reverse transfer capacitance: Cre = 0.55 pF (typ.)
• Low noise figure: NF = 2dB (typ.) (f = 100 MHz)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
30
V
Emitter-base voltage
VEBO
4
V
Collector current
IC
20
mA
Base current
IB
4
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 40 V, IE = 0
⎯
⎯
0.1
μA
Emitter cut-off current
IEBO
VEB = 4 V, IC = 0
⎯
⎯
0.5
μA
DC current gain
hFE
(Note)
VCE = 6 V, IC = 1 mA
40
⎯
200
Reverse transfer capacitance
Cre
VCB = 10 V, f = 1 MHz
⎯
0.55
⎯
pF
Transition frequency
fT
VCE = 6 V, IC = 1 mA
260
550
⎯
MHz
Collector-base time constant
Cc・rbb’
VCE = 6 V, IE = −1 mA, f = 30 MHz
⎯
⎯
25
ps
Noise figure
NF
⎯
2
5.0
dB
Power gain
Gpe
VCC = 6 V, IE = −1 mA, f = 100 MHz,
Figure 1
17
23
⎯
dB
Note: hFE classification R: 40~80, O: 70~140, Y: 100~200
Unit: mm
JEDEC
―
JEITA
SC-70
TOSHIBA
2-2E1A
Weight: 0.006 g (typ.)


Similar Part No. - 2SC4215

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4215 TOSHIBA-2SC4215 Datasheet
172Kb / 4P
NPN EPITAXIAL PLANAR TYPE (HIGH FREQUENCY FM, RF, MIX, IF AMPLIFIERAPPLICATIONS)
logo
Guangdong Kexin Industr...
2SC4215 KEXIN-2SC4215 Datasheet
45Kb / 1P
Silicon NPN Epitaxial
logo
Weitron Technology
2SC4215 WEITRON-2SC4215 Datasheet
604Kb / 4P
NPN Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC4215 HTSEMI-2SC4215 Datasheet
888Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - 2SC4215

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3423 TOSHIBA-2SC3423 Datasheet
143Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SC380TM TOSHIBA-2SC380TM Datasheet
338Kb / 6P
NPN EPITAXIAL PLANAR TYPE (HIGH FREQUENCY AMPLIFIER APPLICATIONS)
2SC4915 TOSHIBA-2SC4915 Datasheet
184Kb / 4P
NPN EPITAXIAL PLANAR TYPE (HIGH FREQUENCY, FM,RF,MIX, IF AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
CPH6002 SANYO-CPH6002 Datasheet
32Kb / 3P
NPN Epitaxial Planar Silicon Transistor High-Frequency Medium-Power Amplifier Applications
logo
Toshiba Semiconductor
2SC4915 TOSHIBA-2SC4915_07 Datasheet
587Kb / 5P
Silicon NPN Epitaxial Planar Type High Frequency Amplifier Applications
logo
Sanyo Semicon Device
15GN03CA SANYO-15GN03CA Datasheet
55Kb / 6P
NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifier Applications
15GN03MA SANYO-15GN03MA Datasheet
56Kb / 6P
NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifier Applications
15GN03SA SANYO-15GN03SA Datasheet
55Kb / 6P
NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifier Applications
FH102A SANYO-FH102A Datasheet
69Kb / 6P
NPN Epitaxial Planar Silicon Composite Transistor High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
CPH6001A SANYO-CPH6001A Datasheet
58Kb / 6P
NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com