Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B240LWS-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # B240LWS-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

B240LWS-HF Datasheet(HTML) 2 Page - Comchip Technology

  B240LWS-HF Datasheet HTML 1Page - Comchip Technology B240LWS-HF Datasheet HTML 2Page - Comchip Technology B240LWS-HF Datasheet HTML 3Page - Comchip Technology B240LWS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristic Curves (B240LWS-HF)
SMD Schottky Barrier Diode
Fig.2 - Total Capacitance vs. Reverse Voltage
0
30
0
240
400
80
160
20
10
DC Reverse Voltage, (V)
320
40
Fig.3 - Typical Instantaneous Forward Characteristics
0
600
400
0
2000
Instantaneous Forward Voltage, (mV)
200
800
300
100
500
400
Fig.4 - Typical Reverse Characteristics
20
100
0
Percent of Rated Peak Reverse Voltage, (%)
60
10
20
80
40
30
40
50
1600
1200
Comchip Technology CO., LTD.
REV:A
Page 2
QW-JB128
Fig.5 - Max. Non-Repetitive Forward Surge Current
0
60
40
0
25
Number of Cycles at 60Hz
20
10
5
20
15
Fig.1 - Typical Forward Current Derating Curve
0
150
100
0
Lead Temperature, (°C)
50
0.5
1.0
75
25
1.5
2.0
2.5
125
Single phase half wave 60Hz
resistive or inductive load
100
80
8.3ms single half sine wave
(JEDEC)
TL=25°C
TL=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com