Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4250 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4250
Description  Silicon NPN Epitaxial Planar Type TV VHF Mixer Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4250 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4250 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4250 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4250 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4250 Datasheet HTML 4Page - Toshiba Semiconductor 2SC4250 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC4250
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Planar Type
2SC4250
TV VHF Mixer Applications
• High conversion gain: Gce = 25dB (typ.)
• Low reverse transfer capacitance: Cre = 0.45 pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
3
V
Collector current
IC
50
mA
Base current
IB
25
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and
individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 25 V, IE = 0
⎯
⎯
100
nA
Emitter cut-off current
IEBO
VEB = 3 V, IC = 0
⎯
⎯
1000
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 1 mA, IB = 0
20
⎯
⎯
V
DC current gain
hFE
VCE = 10 V, IC = 5 mA
40
150
300
Reverse transfer capacitance
Cre
VCB = 10 V, IE = 0, f = 1 MHz
⎯
0.45
0.6
pF
Transition frequency
fT
VCE = 10 V, IC = 5 mA
900
1400
⎯
MHz
Conversion gain
Gce
20
25
⎯
dB
Noise figure
NF
VCC = 12 V, f = 200 MHz, fL = 260 MHz
(Figure 1)
⎯
4.3
6
dB
Unit: mm
JEDEC
―
JEITA
SC-70
TOSHIBA
2-2E1A
Weight: 0.006 g (typ.)


Similar Part No. - 2SC4250

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4250 TOSHIBA-2SC4250 Datasheet
236Kb / 4P
NPN EPITAXIAL PLANAR TYPE (TV VHF MIXER APPLICATIONS)
logo
Inchange Semiconductor ...
2SC4250 ISC-2SC4250 Datasheet
198Kb / 4P
isc Silicon NPN RF Transistor
logo
Toshiba Semiconductor
2SC4250 TOSHIBA-2SC4250 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SC4250

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3123 TOSHIBA-2SC3123 Datasheet
216Kb / 4P
NPN EPITAXIAL PLANAR TYPE(TV VHF MIXER APPLICATIONS)
2SC3124 TOSHIBA-2SC3124 Datasheet
168Kb / 3P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, VHF OSCILLATOR APPLICATIONS)
2SC4249 TOSHIBA-2SC4249 Datasheet
176Kb / 4P
NPN EPITAXIAL PLANAR TYPE (TV VHF RF AMPLIFIER APPLICATIONS)
2SC4250 TOSHIBA-2SC4250 Datasheet
236Kb / 4P
NPN EPITAXIAL PLANAR TYPE (TV VHF MIXER APPLICATIONS)
2SC4251 TOSHIBA-2SC4251 Datasheet
171Kb / 3P
NPN EPITAXIAL PLANAR TYPE (TV TUNER, VHF OSCILLATOR APPLICATIONS)
HN3C01F TOSHIBA-HN3C01F Datasheet
96Kb / 1P
NPN EPITAXIAL PLANAR TYPE (TV TUNERM VHF CONVERTER, TV VHF RF AMPLIFIER APPLICATIONS)
2SC3120 TOSHIBA-2SC3120_07 Datasheet
667Kb / 5P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
2SC3123 TOSHIBA-2SC3123_07 Datasheet
624Kb / 5P
Silicon NPN Epitaxial Planar Type TV VHF Mixer Applications
2SC3124 TOSHIBA-2SC3124_07 Datasheet
545Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, VHF Oscillator Applications
2SC3862 TOSHIBA-2SC3862_07 Datasheet
614Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com