Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5085 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5085
Description  Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5085 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5085 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5085 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5085 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5085 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5085 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5085 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5085 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5085
2007-11-01
4
S-Parameter ZO = 50 Ω, Ta = 25°C
VCE = 10 V, IC = 5 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.672
−73.0
9.460
128.6
0.052
53.6
0.707
−31.3
400
0.498
−115.9
6.268
105.9
0.068
46.8
0.513
−36.2
600
0.443
−141.7
4.554
93.3
0.078
49.0
0.437
−36.6
800
0.426
−158.7
3.556
84.5
0.088
53.2
0.401
−36.8
1000
0.422
−171.9
2.948
77.5
0.099
57.9
0.383
−38.3
1200
0.428
177.5
2.526
71.1
0.113
62.7
0.373
−40.6
1400
0.437
168.3
2.240
65.5
0.133
65.8
0.367
−43.9
1600
0.449
159.9
1.997
60.1
0.152
67.6
0.362
−48.2
1800
0.464
153.1
1.821
55.0
0.171
68.7
0.358
−52.8
2000
0.485
146.7
1.686
50.9
0.195
70.6
0.350
−57.6
VCE = 10 V, IC = 20 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.392
−116.4
16.247
109.3
0.034
59.7
0.420
−43.7
400
0.329
−152.1
8.775
94.5
0.054
66.0
0.280
−38.4
600
0.321
−170.6
6.018
86.3
0.075
69.5
0.244
−33.7
800
0.321
177.5
4.598
80.2
0.097
70.7
0.231
−31.7
1000
0.324
167.9
3.767
74.8
0.119
71.2
0.225
−31.3
1200
0.332
160.3
3.191
70.0
0.142
71.3
0.225
−32.7
1400
0.341
153.5
2.812
65.2
0.168
70.0
0.225
−36.2
1600
0.352
146.6
2.502
60.7
0.190
68.4
0.222
−40.3
1800
0.362
142.2
2.264
56.5
0.212
66.8
0.217
−44.9
2000
0.379
137.7
2.092
52.8
0.236
66.3
0.212
−49.4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com