Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5086 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5086
Description  Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5086 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5086 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5086 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5086 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5086 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5086 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5086 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5086 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5086
2007-11-01
4
S-Parameter ZO = 50 Ω, Ta = 25°C
VCE = 10 V, IC = 5 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.715
−69.3
9.495
132.1
0.051
55.2
0.747
−29.0
400
0.542
−112.4
6.482
108.5
0.068
46.8
0.555
−35.1
600
0.476
−137.7
4.717
95.8
0.077
47.9
0.478
−36.2
800
0.447
−154.4
3.691
87.1
0.086
51.6
0.442
−37.1
1000
0.435
−166.8
3.049
79.9
0.096
55.9
0.424
−38.9
1200
0.433
−176.6
2.611
73.9
0.108
60.4
0.418
−41.8
1400
0.435
174.8
2.294
68.3
0.123
64.2
0.411
−45.0
1600
0.439
167.3
2.050
63.2
0.140
66.9
0.407
−49.0
1800
0.444
160.6
1.860
58.7
0.159
68.7
0.406
−53.6
2000
0.454
154.2
1.713
53.9
0.180
70.5
0.404
−57.8
VCE = 10 V, IC = 20 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.465
−107.8
16.512
113.2
0.035
56.7
0.484
−40.9
400
0.375
−145.6
9.090
96.5
0.052
62.2
0.331
−37.8
600
0.351
−164.4
6.252
88.1
0.070
66.5
0.291
−34.1
800
0.343
−176.7
4.762
81.9
0.089
68.9
0.277
−33.3
1000
0.338
174.8
3.875
76.6
0.109
70.2
0.273
−34.0
1200
0.337
167.9
3.285
71.8
0.130
70.8
0.274
−36.2
1400
0.343
161.6
2.874
67.2
0.152
70.6
0.274
−39.3
1600
0.343
156.2
2.553
62.9
0.173
69.8
0.274
−43.4
1800
0.348
151.2
2.317
58.8
0.195
68.9
0.273
−47.8
2000
0.354
146.2
2.113
55.0
0.218
68.2
0.272
−52.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com