Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5088 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5088
Description  Silicon NPN Epitaxial Planar Type VHF~UHF Band Low Noise Amplifier Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5088 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5088 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5088 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5088 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5088 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5088 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5088 Datasheet HTML 6Page - Toshiba Semiconductor 2SC5088 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC5088
2007-11-01
4
S-Parameter ZO = 50 Ω, Ta = 25°C
VCE = 10 V, IC = 5 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.826
−64.3
9.839
139.2
0.056
59.2
0.844
−31.7
400
0.735
−106.8
7.058
115.2
0.083
43.8
0.663
−50.1
600
0.692
−134.4
5.233
99.5
0.094
36.8
0.558
−62.3
800
0.666
−154.3
4.106
88.1
0.100
33.3
0.496
−72.6
1000
0.656
−170.0
3.315
78.9
0.102
32.7
0.458
−81.8
1200
0.653
178.0
2.768
71.3
0.103
33.4
0.429
−90.6
1400
0.649
167.7
2.353
65.4
0.104
36.0
0.407
−99.4
1600
0.655
158.2
2.061
59.6
0.107
39.1
0.393
−107.8
1800
0.653
149.0
1.818
55.3
0.111
42.6
0.378
−115.3
2000
0.654
139.9
1.650
50.7
0.116
46.7
0.367
−121.9
VCE = 10 V, IC = 20 mA
Frequency
S11
S21
S12
S22
(MHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
200
0.747
−87.0
16.492
129.8
0.048
52.1
0.717
−47.1
400
0.675
−130.5
10.431
106.5
0.063
41.8
0.486
−69.1
600
0.648
−154.8
7.298
93.5
0.070
40.8
0.379
−82.0
800
0.636
−170.9
5.547
84.4
0.076
42.0
0.324
−93.0
1000
0.630
176.7
4.423
77.5
0.083
44.7
0.291
−102.7
1200
0.634
166.4
3.660
71.7
0.089
47.7
0.266
−112.1
1400
0.634
157.1
3.125
67.0
0.097
50.8
0.249
−120.8
1600
0.639
148.8
2.741
62.4
0.105
53.2
0.233
−128.9
1800
0.645
139.9
2.451
58.8
0.115
55.6
0.220
−135.8
2000
0.642
131.4
2.233
54.9
0.126
58.1
0.205
−141.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com