Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED-WS2812B-2020 Datasheet(PDF) 3 Page - AG Electronica

Part # LED-WS2812B-2020
Description  Intelligent control LED integrated light source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

LED-WS2812B-2020 Datasheet(HTML) 3 Page - AG Electronica

  LED-WS2812B-2020 Datasheet HTML 1Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 2Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 3Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 4Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 5Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 6Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 7Page - AG Electronica LED-WS2812B-2020 Datasheet HTML 8Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power supply voltage
VDD
+3.7~+5.3
V
Logical Input Voltage
VI
VDD-0.3V~VDD+0.7
V
Operation junction temperature
Topt
-25~+85
℃
Storage temperature range
Tstg
-40~+105
℃
Electrical Characteristics(TA=25℃, VDD=5V, VSS=0V, unless otherwise specified)
Switching Characteristics(TA=25℃, VDD=5V, VSS=0V, unless otherwise specified)
Parameter
Symbol
Min
Tpy
Max Unit
Condition
Transmission delay time
tPLZ
——
——
300
ns
CL=15pF, DIN→DOUT, RL=10KΩ
Fall time
tTHZ
——
——
120
µs
CL=300pF, OUTR/OUTG/OUTB
Input capacity
CI
——
——
15
pF
——
LED Characteristics
Parameter
Symbol
Color
Quiescent Current:< 0.6mA
Test Condition
(Working current)
Min.
Typ.
Max.
Unit
Luminous
intensity
IV
RED
150
200
250
mcd
12mA
GREEN
500
600
700
BLUE
100
160
200
Wavelength
λd
RED
620
622.6
630
nm
12mA
GREEN
515
515.6
525
BLUE
465
470.4
475
Parameter
Symbol
Min
Tpy
Max
Unit
Conditions
Input current
II
——
——
±1
µA
VI=VDD/VSS
High Voltage Input
VIH
2.7V
——
VDD+0.7V
V
DIN,SET
Low Voltage Input
VIL
-0.3V
——
0.7V
V
DIN,SET
3 /
8
LED-WS2812B-2020
Intelligent control LED integrated
light source



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com