Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5171 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5171
Description  Silicon NPN Epitaxial Type Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5171 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5171 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5171 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5171 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5171 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5171
2006-11-10
1
TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5171
Power Amplifier Applications
Driver Stage Amplifier Applications
• High transition frequency: fT = 200 MHz (typ.)
• Complementary to 2SA1930
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
180
V
Collector-emitter voltage
VCEO
180
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
2
A
Base current
IB
1
A
Ta = 25°C
2.0
Collector power
dissipation
Tc = 25°C
PC
20
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-10R1A
Weight: 1.7 g (typ.)


Similar Part No. - 2SC5171

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5171 TOSHIBA-2SC5171 Datasheet
145Kb / 2P
NPN EPITAXIAL TYPE (POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
logo
Foshan Blue Rocket Elec...
2SC5171 FOSHAN-2SC5171 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
logo
Jiangsu Changjiang Elec...
2SC5171 JIANGSU-2SC5171 Datasheet
1Mb / 2P
TO-220F Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SC5171 TOSHIBA-2SC5171 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SC5171 ISC-2SC5171 Datasheet
277Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC5171

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3328 TOSHIBA-2SC3328 Datasheet
199Kb / 4P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC3419 TOSHIBA-2SC3419 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3668 TOSHIBA-2SC3668 Datasheet
203Kb / 4P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC4540 TOSHIBA-2SC4540 Datasheet
155Kb / 3P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SC4935 TOSHIBA-2SC4935 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5000 TOSHIBA-2SC5000 Datasheet
140Kb / 3P
NPN EPITAXIAL TYPE (POWER AMPLIFIER APPLICATIONS)
2SC5028 TOSHIBA-2SC5028 Datasheet
202Kb / 3P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
2SD1220 TOSHIBA-2SD1220 Datasheet
169Kb / 3P
NPN EPITAXIAL TYPE (POWER AMPLIFIER APPLICATIONS)
2SC4408 TOSHIBA-2SC4408_07 Datasheet
119Kb / 4P
Silicon NPN Epitaxial Type (PCT Process) Power Amplifier Applications
2SC4793 TOSHIBA-2SC4793_06 Datasheet
125Kb / 4P
Silicon NPN Epitaxial Type Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com