Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5351 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5351
Description  Silicon NPN Triple Diffused Type High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5351 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5351 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5351 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5351 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5351 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5351 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5351
2006-11-10
3
Collector-emitter voltage VCE (V)
IC – VCE
hFE – IC
Collector current IC (A)
Collector current IC (A)
VBE (sat) – IC
VCE (sat) – IC
Collector current IC (A)
Base-emitter voltage VBE (V)
IC – VBE
2
1.2
0.8
0.4
0
1.6
4
6
8
2
0
10
IB = 0.01 A
Common
emitter
Tc = 25°C
0.3
0.04
0.02
0.03
0.15
0.25
0.2
0.1
0.05
Common emitter
VCE = 5 V
Tc = 100°C
25
4
3
2
1
0
0.5
1
0
1.5
−55
10
1
0.1
0.3
0.05
Common emitter
IC/IB = 8
0.03
30
2
Tc = 100°C
−55
25
1
5
3
0.1
0.3
0.5
0.1
0.03
0.1
2
0.5
Common emitter
IC/IB = 8
0.3
0.05
1
0.3
0.5
Tc = 100°C
−55
25
3
1
30
3
0.1
1
0.01
100
3
Tc = 100°C
−55
25
Common emitter
VCE = 5 V
1
5
10
50
0.03 0.05
0.3 0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com