Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS392 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 1SS392
Description  High Speed Switching Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS392 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  1SS392 Datasheet HTML 1Page - Toshiba Semiconductor 1SS392 Datasheet HTML 2Page - Toshiba Semiconductor 1SS392 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS392
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS392
High Speed Switching Application
Low forward voltage
: VF (3) = 0.54V (typ.)
Low reverse current
: IR = 5μA (max)
Small package
: SC-59
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse Voltage
VRM
45
V
Reverse voltage
VR
40
V
Maximum (peak) forward current
IFM
300 *
mA
Average forward current
IO
100 *
mA
Surge current (10ms)
IFSM
1 *
A
Power dissipation
P
150 *
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55
∼125
°C
Operating temperature range
Topr
−40
∼100
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
* : Unit rating. Total rating = unit rating × 1.5
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
―
IF = 1mA
―
0.28
―
VF (2)
―
IF = 10mA
―
0.36
―
Forward voltage
VF (3)
―
IF = 100mA
―
0.54
0.60
V
Reverse current
IR
―
VR = 40V
―
―
5
μA
Total capacitance
CT
―
VR = 0, f = 1MHz
―
18
25
pF
JEDEC
TO-236MOD
EIAJ
SC-59
TOSHIBA
1-3G1F
Weight: 0.012g
Unit: mm


Similar Part No. - 1SS392

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392 Datasheet
123Kb / 2P
DIODE (LOW VOLTAGE HIGH SPEED SWITCHING)
logo
Guangdong Kexin Industr...
1SS392 KEXIN-1SS392 Datasheet
35Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
logo
SEMTECH ELECTRONICS LTD...
1SS392 SEMTECH_ELEC-1SS392 Datasheet
133Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392_14 Datasheet
212Kb / 3P
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
More results

Similar Description - 1SS392

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2333 FAIRCHILD-KSC2333 Datasheet
56Kb / 5P
High Speed Switching Application
logo
Toshiba Semiconductor
1SS416 TOSHIBA-1SS416 Datasheet
133Kb / 3P
High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
HIGH SPEED SWITCHING APPLICATION
1SS395 KEXIN-1SS395 Datasheet
43Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
Toshiba Semiconductor
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
High Speed Switching Application
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
High Speed Switching Application
logo
Shanghai Leiditech Elec...
BAS21S LEIDITECH-BAS21S Datasheet
486Kb / 3P
High speed switching application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com