Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2705 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC2705
Description  Silicon NPN Epitaxial Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2705 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC2705 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2705 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2705 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2705 Datasheet HTML 4Page - Toshiba Semiconductor 2SC2705 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC2705
2006-11-09
3
Collector-emitter voltage VCE (V)
Base-emitter voltage VBE (V)
Collector current IC (mA)
Collector current IC (mA)
Collector-base voltage VCB (V)
Collector current IC (mA)
IC – VCE
IC – VBE
hFE – IC
VCE (sat) – IC
fT – IC
Cob – VCB
56
0
0
48
40
32
16
2
4
6
8
10
12
Common emitter
Ta = 25°C
0
IB = 0.1 mA
24
8
14
16
0.5
0.4
0.3
0.2
48
0
0
32
16
0.4
Common emitter
VCE = 5 V
Ta = 100°C
0.8
25
−25
1.2
1.6
0.3
3
10
1
30
50
0.03
0.05
0.1
0.3
0.5
0.01
1
Ta = 100°C
25
−25
Common emitter
IC/IB = 10
0.3
3
10
1
30
50
30
50
100
300
500
10
1000
Common emitter
VCE = 5 V
Ta = 100°C
25
−25
1
0.5
3
10
30
500
10
100
300
100
Common emitter
Ta = 25°C
VCE = 10 V
5
50
30
1000
1
0.5
3
10
30
5
0.3
3
100
1
10
IE = 0
f = 1 MHz
Ta = 25°C
30
0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com