Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2230A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC2230A
Description  Silicon NPN Triple Diffused Type (PCT Process)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2230A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC2230A Datasheet HTML 1Page - Toshiba Semiconductor 2SC2230A Datasheet HTML 2Page - Toshiba Semiconductor 2SC2230A Datasheet HTML 3Page - Toshiba Semiconductor 2SC2230A Datasheet HTML 4Page - Toshiba Semiconductor 2SC2230A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC2230,2SC2230A
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (mA)
hFE – IC
VCE (sat) – IC
100
0
0
80
60
40
20
0.2
0.4
0.6
0.8
1.0
1.2
Common emitter
VCE = 10 V
25
0
Ta = 100°C
1.4
100
0
0
80
60
40
20
2
4
6
8
10
12
Common emitter
Ta = 25°C
200
300
IB = 100 μA
2 mA
14
500
400
700
1 mA
1
0.3
3
10
30
100
Common emitter
Ta = 25°C
VCE = 2 V
20
5
10
300
1000
100
30
50
300
500
10000
3000
5000
1
0.3
3
10
30
100
300
1000
100
30
50
300
500
10000
3000
5000
Common emitter
VCE = 10 V
VCE = 5 V
Ta = 100°C
25
0
1
0.5
3
30
1
0.05
0.1
0.3
10
100
0.5
Common emitter
IC/IB = 10
Ta = 100°C
25
0
0.03
0.01
0.5
10
30
100
3
1
Common emitter
Ta = 25°C
300
0.03
0.05
0.1
0.3
0.5
1
3
0.01
10
5
IC/IB = 20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com