Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2131 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SD2131
Description  Silicon NPN Triple Diffused Type (Darlington)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD2131 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SD2131 Datasheet HTML 1Page - Toshiba Semiconductor 2SD2131 Datasheet HTML 2Page - Toshiba Semiconductor 2SD2131 Datasheet HTML 3Page - Toshiba Semiconductor 2SD2131 Datasheet HTML 4Page - Toshiba Semiconductor 2SD2131 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD2131
2006-11-21
2
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 45 V, IE = 0
―
―
10
μA
Collector cut-off current
ICEO
VCE = 45 V, IB = 0
―
―
10
μA
Emitter cut-off current
IEBO
VEB = 6 V, IC = 0
―
―
2.5
mA
Collector-base breakdown voltage
V (BR) CBO
IC = 1 mA, IE = 0
50
60
70
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
50
60
70
V
hFE (1)
VCE = 3 V, IC = 3 A
2000
―
15000
DC current gain
hFE (2)
VCE = 3 V, IC = 5 A
1000
―
―
VCE (sat) (1) IC = 3 A, IB = 6 mA
―
1.1
1.5
Collector-emitter saturation voltage
VCE (sat) (2) IC = 5 A, IB = 20 mA
―
1.3
2.5
V
Base-emitter saturation voltage
VBE (sat)
IC = 3 A, IB = 6 mA
―
1.7
2.5
V
Unclamped inductive load energy
ES/B
(Note 1)
150
―
―
mJ
Turn-on time
ton
―
1.0
―
Storage time
tstg
―
4.0
―
Switching time
Fall time
tf
IB1 = −IB2 = 6 mA, duty cycle ≤ 1%
―
2.5
―
μs
Note 1: Measurement circuit for unclamped inductive load energy
Note 2: (1) Pulse width adjusted for desired ICP (ICP = 5.47 A min)
(2) E = 1/2 L ICP
2
Marking
20 μs
Input
VCC = 30 V
IB1
IB2
Output
T.U.T
IB1
IB2
VCC
L = 10 mH
IB1 = 0.1 A
0
0
ICP
IC
VCE
IB2 = −0.1 A
PW
Clamp (C-B Zener)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
D2131
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com